Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74FCT16244 Datasheet (PDF) - Integrated Device Technology

74FCT16244 Datasheet PDF - Integrated Device Technology
Part # 74FCT16244
Download  74FCT16244 Download
File Size   151.37 Kbytes
Page   9 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description FAST CMOS 16-BIT BUFFER/LINE DRIVER

74FCT16244 Datasheet (PDF)

Go To PDF Page Download Datasheet
74FCT16244 Datasheet PDF - Integrated Device Technology

Part # 74FCT16244
Download  74FCT16244 Click to download

File Size   151.37 Kbytes
Page   9 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description FAST CMOS 16-BIT BUFFER/LINE DRIVER

74FCT16244 Datasheet (HTML) - Integrated Device Technology


74FCT16244 Product details

DESCRIPTION:
The 16-Bit Buffer/Line Driver is for bus interface or signal buffering applications requiring high speed and low power dissipation. These devices have a flow through pin organization, and shrink packaging to simplify board layout. All inputs are designed with hysteresis for improved noise margin. The three-state controls allow independent 4-bit, 8-bit or combined 16-bit operation. These parts are plug in replacements for 54/74ABT16244 where higher speed, lower noise or lower power dissipation levels are desired.

FEATURES:
• Common features:
    – 0.5 MICRON CMOS Technology
    – High-speed, low-power CMOS replacement for ABT functions
    – Typical tSK(o) (Output Skew) < 250ps
    – Low input and output leakage ≤ 1µA (max.)
    – ESD > 2000V per MIL-STD-883, Method 3015; > 200V using machine model (C = 200pF, R = 0)
    – Packages include 25 mil pitch SSOP, 19.6 mil pitch TSSOP, 15.7 mil pitch TVSOP and 25 mil pitch Cerpack
    – Extended commercial range of -40°C to +85°C
• Features for FCT16244T/AT/CT/ET:
    – High drive outputs (-32mA IOH, 64mA IOL)
    – Power off disable outputs permit “live insertion”
    – Typical VOLP (Output Ground Bounce) < 1.0V at VCC = 5V, TA = 25°C
• Features for FCT162244T/AT/CT/ET:
    – Balanced Output Drivers: ±24mA (commercial), ±16mA (military)
    – Reduced system switching noise
    – Typical VOLP (Output Ground Bounce) < 0.6V at VCC = 5V,TA = 25°C
• Features for FCT166244T/AT/CT:
    – Light Drive Balanced Output: ±8mA (commercial), ±6mA (military)
    – Minimal system switching noise
    – Typical VOLP (Output Ground Bounce) < 0.25V at VCC = 5V,TA = 25°C
• Features for FCT162H244T/AT/CT/ET:
    – Bus-Hold retains last active bus state during 3-state
    – Eliminates the need for external pull up resistors




Similar Part No. - 74FCT16244

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74FCT16244 TI-74FCT16244 Datasheet
64Kb / 8P
16-Bit Buffers/Line Drivers
74FCT16244ATPVCG4 TI-74FCT16244ATPVCG4 Datasheet
64Kb / 8P
16-Bit Buffers/Line Drivers
74FCT16244ATPVCG4 TI1-74FCT16244ATPVCG4 Datasheet
704Kb / 15P
16-Bit Buffers/Line Drivers
74FCT16244TPACTG4 TI-74FCT16244TPACTG4 Datasheet
64Kb / 8P
16-Bit Buffers/Line Drivers
74FCT16244TPACTG4 TI1-74FCT16244TPACTG4 Datasheet
704Kb / 15P
16-Bit Buffers/Line Drivers
More results


Similar Description - 74FCT16244

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT16240T IDT-IDT74FCT16240T Datasheet
128Kb / 8P
FAST CMOS 16-BIT BUFFER/LINE DRIVER
logo
Pericom Semiconductor C...
PI74FCT163244 PERICOM-PI74FCT163244 Datasheet
163Kb / 5P
Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74LCX16244 PERICOM-PI74LCX16244 Datasheet
311Kb / 6P
Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74LCX16240 PERICOM-PI74LCX16240 Datasheet
85Kb / 5P
Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74FCT162Q244T PERICOM-PI74FCT162Q244T Datasheet
54Kb / 6P
Fast, Low Noise CMOS 16-Bit Buffer/Line Driver
PI74FCT16244T PERICOM-PI74FCT16244T_07 Datasheet
504Kb / 9P
Fast CMOS 16-Bit Buffer/Line Drivers
logo
Integrated Device Techn...
IDT74FCT163244CPVG IDT-IDT74FCT163244CPVG Datasheet
84Kb / 6P
3.3V CMOS 16-BIT BUFFER/LINE DRIVER
logo
Renesas Technology Corp
IDT54 RENESAS-IDT54 Datasheet
242Kb / 8P
FAST CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
IDT74FCT163244A RENESAS-IDT74FCT163244A Datasheet
241Kb / 7P
3.3V CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
IDT74FCT166244AT RENESAS-IDT74FCT166244AT Datasheet
238Kb / 7P
FAST CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com