Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTS138D Datasheet (PDF) - Intersil Corporation

ACTS138D Datasheet PDF - Intersil Corporation
Part # ACTS138D
Download  ACTS138D Download
File Size   48.89 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened TTL Input, 3-to-8 Line Decoder/Demultiplexer

ACTS138D Datasheet (PDF)

Go To PDF Page Download Datasheet
ACTS138D Datasheet PDF - Intersil Corporation

Part # ACTS138D
Download  ACTS138D Click to download

File Size   48.89 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened TTL Input, 3-to-8 Line Decoder/Demultiplexer

ACTS138D Datasheet (HTML) - Intersil Corporation


ACTS138D Product details

Description
The Radiation Hardened ACTS138MS is an Inverting 3-to-8 Line Decoder/Demultiplexer with three TTL level binary select inputs (A0, A1 and A2). If the device is enabled, these inputs determine which one of the eight normally high outputs will go low.

Features
• QML Qualified Per MIL-PRF-38535 Requirements
• 1.25Micron Radiation Hardened SOS CMOS
• Radiation Environment
    - Latch-up Free Under any Conditions
    - Total Dose . . . . . . . . . . . . . . . . . . . . . . 3 x 105 RAD(Si)
    - SEU Immunity . . . . . . . . . . . <1 x 10-10 Errors/Bit/Day
    - SEU LET Threshold . . . . . . . . . . . >100MeV/(mg/cm2)
• Input Logic Levels . . . . . . . . . . VIL = 0.8V, VIH = (Vcc/2)
• Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±12mA
• Quiescent Supply Current. . . . . . . . . . . . . . . . . . . .20µA
• Propagation Delay . . . . . . . . . . . . . . . . . . . . . . . . . . 20ns

Applications
• Memory Decoding
• Data Routing
• Code Conversion




Similar Part No. - ACTS138D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACTS10D INTERSIL-ACTS10D Datasheet
112Kb / 8P
Radiation Hardened Triple Three-Input NAND Gate
April 1995
ACTS10DMSR INTERSIL-ACTS10DMSR Datasheet
112Kb / 8P
Radiation Hardened Triple Three-Input NAND Gate
April 1995
ACTS10HMSR INTERSIL-ACTS10HMSR Datasheet
112Kb / 8P
Radiation Hardened Triple Three-Input NAND Gate
April 1995
ACTS10K INTERSIL-ACTS10K Datasheet
112Kb / 8P
Radiation Hardened Triple Three-Input NAND Gate
April 1995
ACTS10KMSR INTERSIL-ACTS10KMSR Datasheet
112Kb / 8P
Radiation Hardened Triple Three-Input NAND Gate
April 1995
More results


Similar Description - ACTS138D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS138MS INTERSIL-ACS138MS Datasheet
48Kb / 2P
Radiation Hardened 3-to-8 Line Decoder/Demultiplexer
December 1997
HCS138T INTERSIL-HCS138T Datasheet
158Kb / 3P
Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
July 1999
HCTS138MS INTERSIL-HCTS138MS Datasheet
154Kb / 9P
Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
August 1995
HS-54C138RH INTERSIL-HS-54C138RH Datasheet
38Kb / 6P
Radiation Hardened 3-Line to 8-Line Decoder/Demultiplexer
1996 02
HTCS138MS INTERSIL-HTCS138MS Datasheet
308Kb / 9P
Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
September 12, 2005
HCTS138MS INTERSIL-HCTS138MS_05 Datasheet
308Kb / 9P
Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
September 12, 2005
HCS138MS INTERSIL-HCS138MS_05 Datasheet
306Kb / 9P
Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
September 12, 2005
HS-54C138RH INTERSIL-HS-54C138RH_00 Datasheet
537Kb / 4P
Radiation Hardened 3-Line to 8-Line Decoder/Demultiplexer
August 2000
logo
Renesas Technology Corp
ACS138MS RENESAS-ACS138MS Datasheet
186Kb / 2P
Radiation Hardened 3-to-8 Line Decoder/Demultiplexer
December 1997
HCTS138MS RENESAS-HCTS138MS Datasheet
442Kb / 9P
Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
September 12, 2005
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com