Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTS374MS Datasheet (PDF) - Intersil Corporation

ACTS374MS Datasheet PDF - Intersil Corporation
Part # ACTS374MS
Download  ACTS374MS Download
File Size   90.94 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Octal D Flip-Flop, Three-State

ACTS374MS Datasheet (PDF)

Go To PDF Page Download Datasheet
ACTS374MS Datasheet PDF - Intersil Corporation

Part # ACTS374MS
Download  ACTS374MS Click to download

File Size   90.94 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Octal D Flip-Flop, Three-State

ACTS374MS Datasheet (HTML) - Intersil Corporation


ACTS374MS Product details

Description
The Intersil ATCS374MS is a radiation hardened octal D-type flip-flop with three-state outputs. The eight edge-triggered flipflops enter data into their registers on the low to high transition of clock (CP). The Output Enable (OEN) controls the three-state outputs and is independent of the register operation. When OEN is high, the outputs will be in the high impedance state.

Features
• 1.25 Micron Radiation Hardened SOS CMOS
• Total Dose 300K RAD (Si)
• Single Event Upset (SEU) Immunity <1 x 10-10 Errors/Bit-Day (Typ)
• SEU LET Threshold >80 MEV-cm2/mg
• Dose Rate Upset >1011 RAD (Si)/s, 20ns Pulse
• Latch-Up Free Under Any Conditions
• Military Temperature Range: -55°C to +125°C
• Significant Power Reduction Compared to ALSTTL Logic
• DC Operating Voltage Range: 4.5V to 5.5V
• Input Logic Levels
    - VIL = 0.8V Max
    - VIH = VCC/2V Min
• Input Current ≤1µA at VOL, VOH




Similar Part No. - ACTS374MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACTS373D INTERSIL-ACTS373D Datasheet
91Kb / 10P
Radiation Hardened Octal Transparent Latch, Three-State
April 1995
logo
Renesas Technology Corp
ACTS373D RENESAS-ACTS373D Datasheet
416Kb / 10P
Radiation Hardened Octal Transparent Latch, Three-State
April 1995
logo
Intersil Corporation
ACTS373DMSR INTERSIL-ACTS373DMSR Datasheet
91Kb / 10P
Radiation Hardened Octal Transparent Latch, Three-State
April 1995
logo
Renesas Technology Corp
ACTS373DMSR RENESAS-ACTS373DMSR Datasheet
416Kb / 10P
Radiation Hardened Octal Transparent Latch, Three-State
April 1995
logo
Intersil Corporation
ACTS373HMSR INTERSIL-ACTS373HMSR Datasheet
91Kb / 10P
Radiation Hardened Octal Transparent Latch, Three-State
April 1995
More results


Similar Description - ACTS374MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS374MS INTERSIL-ACS374MS Datasheet
71Kb / 8P
Radiation Hardened Octal D Flip-Flop, Three-State
April 1995
HCS273MS INTERSIL-HCS273MS Datasheet
139Kb / 9P
Radiation Hardened Octal D Flip-Flop
September 1995
HCTS273MS INTERSIL-HCTS273MS Datasheet
281Kb / 10P
Radiation Hardened Octal D Flip-Flop
September 1995
HCTS374MS INTERSIL-HCTS374MS Datasheet
183Kb / 11P
Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
August 1995
HCTS574MS INTERSIL-HCTS574MS Datasheet
135Kb / 11P
Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
August 1995
logo
Renesas Technology Corp
HCS273MS RENESAS-HCS273MS Datasheet
466Kb / 9P
Radiation Hardened Octal D Flip-Flop
September 1995
HCS374MS RENESAS-HCS374MS Datasheet
571Kb / 10P
Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
November 11, 2004
HCTS273MS RENESAS-HCTS273MS Datasheet
547Kb / 9P
Radiation Hardened Octal D Flip-Flop
September 1995
HCTS374MS RENESAS-HCTS374MS Datasheet
548Kb / 10P
Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
August 1995
HCTS646MS RENESAS-HCTS646MS Datasheet
580Kb / 10P
Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
August 1995
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com