Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTS374MS Datasheet(PDF) 2 Page - Intersil Corporation

Part # ACTS374MS
Description  Radiation Hardened Octal D Flip-Flop, Three-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ACTS374MS Datasheet(HTML) 2 Page - Intersil Corporation

  ACTS374MS Datasheet HTML 1Page - Intersil Corporation ACTS374MS Datasheet HTML 2Page - Intersil Corporation ACTS374MS Datasheet HTML 3Page - Intersil Corporation ACTS374MS Datasheet HTML 4Page - Intersil Corporation ACTS374MS Datasheet HTML 5Page - Intersil Corporation ACTS374MS Datasheet HTML 6Page - Intersil Corporation ACTS374MS Datasheet HTML 7Page - Intersil Corporation ACTS374MS Datasheet HTML 8Page - Intersil Corporation ACTS374MS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Specifications ACTS374MS
Absolute Maximum Ratings
Reliability Information
Supply Voltage (VCC). . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +6.0V
Input Voltage Range . . . . . . . . . . . . . . . . . . . . . .-0.5V to VCC +0.5V
DC Input Current, Any One Input
. . . . . . . . . . . . . . . . . . . . . . . .±10mA
DC Drain Current, Any One Output
. . . . . . . . . . . . . . . . . . . . . . .±50mA
Storage Temperature Range (TSTG) . . . . . . . . . . . -65oC to +150oC
Lead Temperature (Soldering 10s) . . . . . . . . . . . . . . . . . . . . +265oC
Junction Temperature (TJ) . . . . . . . . . . . . . . . . . . . . . . . . . . +175oC
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
(All Voltages Reference to VSS)
Thermal Impedance
θ
JA
θ
JC
DIP. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
72oC/W
24oC/W
Flatpack . . . . . . . . . . . . . . . . . . . . . . . . . .
107oC/W
28oC/W
Maximum Package Power Dissipation at +125oC
DIP. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.7W
Flatpack . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.5W
Maximum Device Power Dissipation . . . . . . . . . . . . . . . . . . .(TBD)W
Gate Count . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42 Gates
CAUTION: As with all semiconductors, stress listed under “Absolute Maximum Ratings” may be applied to devices (one at a time) without resulting in permanent
damage. This is a stress rating only. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. The conditions listed
under “Electrical Performance Characteristics” are the only conditions recommended for satisfactory device operation.
Operating Conditions
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +4.5V to +5.5V
Input Rise and Fall Times at 4.5V VCC (TR, TF) . . . . . . 10ns/V Max
Operating Temperature Range (TA) . . . . . . . . . . . . -55
oC to +125oC
Input High Voltage (VIH) . . . . . . . . . . . . . . . . . . . . . VCC to VCC/2V
Input Low Voltage (VIL). . . . . . . . . . . . . . . . . . . . . . . . . . . 0V to 0.8V
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTE 1)
CONDITIONS
GROUP
A SUB-
GROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Supply Current
ICC
VCC = 5.5V,
VIN = VCC or GND
1
+25oC-
20
µA
2, 3
+125oC, -55oC
-
400
µA
Output Current
(Source)
IOH
VCC = VIH = 4.5V,
VOUT = VCC -0.4V,
VIL = 0V, (Note 2)
1
+25oC
-12
-
mA
2, 3
+125oC, -55oC-8
-
mA
Output Current
(Sink)
IOL
VCC = VIH = 4.5V,
VOUT = 0.4V, VIL = 0V,
(Note 2)
1
+25oC12
-
mA
2, 3
+125oC, -55oC8
-
mA
Output Voltage High
VOH
VCC = 5.5V, VIH = 2.75V
VIL = 0.8V, IOH = -50
µA
1, 2, 3
+25oC, +125oC, -55oC
VCC -0.1
-
V
VCC = 4.5V, VIH = 2.25V,
VIL = 0.8V, IOH = -50
µA
1, 2, 3
+25oC, +125oC, -55oC
VCC -0.1
-
V
Output Voltage Low
VOL
VCC = 5.5V, VIH = 2.75V
VIL = 0.8V, IOH = 50
µA
1, 2, 3
+25oC, +125oC, -55oC
-
0.1
V
VCC = 4.5V, VIH = 2.25V,
VIL = 0.8V, IOH = 50
µA
1, 2, 3
+25oC, +125oC, -55oC
-
0.1
V
Input Leakage
Current
IIN
VCC = 5.5V,
VIN = VCC or GND
1
+25oC-
±0.5
µA
2, 3
+125oC, -55oC-
±1.0
µA
Three-State Output
Leakage Current
IOZ
VCC = 5.5V,
Force Voltage = 0V or VCC
1
+25oC-
±1
µA
2, 3
+125oC, -55oC-
±35
µA
Noise Immunity
Functional Test
FN
VCC = 4.5V, VIH = 2.25V,
VIL = 0.8V, (Note 3)
7, 8A, 8B
+25oC, +125oC, -55oC-
-
V
NOTE:
1. All voltages referenced to device GND.
2. Force/measure functions may be interchanged.
3. For functional tests, VO
≥4.0V is recognized as a logic “1”, and VO ≤0.5V is recognized as a logic “0”.
Spec Number
518828



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com