Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3302 Datasheet (PDF) - Intersil Corporation

LM3302 Datasheet PDF - Intersil Corporation
Part # LM3302
Download  LM3302 Download
File Size   64.59 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Quad Voltage Comparators for Industrial, Commercial and Military Applications

LM3302 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM3302 Datasheet PDF - Intersil Corporation

Part # LM3302
Download  LM3302 Click to download

File Size   64.59 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Quad Voltage Comparators for Industrial, Commercial and Military Applications

LM3302 Datasheet (HTML) - Intersil Corporation


LM3302 Product details

Quad Voltage Comparators for Industrial, Commercial and Military Applications

The devices in this series consist of four independent single or dual supply voltage comparators on a single monolithic substrate. The common mode input voltage range includes ground even when operated from a single supply, and the low power supply current drain makes these comparators suitable for battery operation. These types were designed to directly interface with TTL and CMOS.

Features
• Operation from Single or Dual Supplies
• Common Mode Input Voltage Range to GND
• Output Voltage Compatible with TTL, DTL, ECL, MOS and CMOS
• Differential Input Voltage Range Equal to the Supply Voltage
• Maximum Input Offset Voltage (VIO)
    - CA139A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2mV
    - CA139, CA239, CA339. . . . . . . . . . . . . . . . . . . . . . 5mV
    - LM2901. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7mV
    - LM3302. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20mV
• Replacement for Industry Types 139, 239, 339, 139A, 2901, 3302

Applications
• Square Wave Generator
• Time Delay Generators
• Pulse Generators
• Multivibrators
• High Voltage Digital Logic Gates
• A/D Converters
• MOS Clock Timers




Similar Part No. - LM3302

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
LM3302 INTERSIL-LM3302 Datasheet
152Kb / 6P
Quad Voltage Comparators for Industrial, Commercial and Military Applications
May 2001
logo
Texas Instruments
LM3302 TI1-LM3302 Datasheet
791Kb / 12P
Single Supply or Dual Supplies Low Supply-Current Drain Independent of Supply Voltage
logo
ARTSCHIP ELECTRONICS CO...
LM3302 ARTSCHIP-LM3302 Datasheet
627Kb / 19P
Low Power Low Offset Voltage Quad Comparators
logo
Texas Instruments
LM3302 TI2-LM3302 Datasheet
981Kb / 23P
LM3302 Quad Differential Comparator
REVISED APRIL 2025
LM3302-N TI1-LM3302-N Datasheet
1Mb / 31P
LM139/LM239/LM339/LM2901/LM3302 Low Power Low Offset Voltage Quad Comparators
More results


Similar Description - LM3302

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA124 INTERSIL-CA124 Datasheet
200Kb / 7P
Quad, 1MHz, Operational Amplifiers for Commercial, Industrial, and Military Applications
May 2001
CA158 INTERSIL-CA158 Datasheet
85Kb / 7P
Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
October 1999
CA3141 INTERSIL-CA3141 Datasheet
39Kb / 4P
High-Voltage Diode Array For Commercial, Industrial and Military Applications
January 1999
CA555 INTERSIL-CA555 Datasheet
84Kb / 6P
Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment
December 1999
CA139 INTERSIL-CA139_01 Datasheet
152Kb / 6P
Quad Voltage Comparators for Industrial, Commercial and Military Applications
May 2001
logo
Harris Corporation
CA555 HARRIS-CA555_99 Datasheet
65Kb / 6P
Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment
CA3141 HARRIS-CA3141 Datasheet
33Kb / 4P
High-Voltage Diode Array For Commercial, Industrial and Military Applications
logo
Intersil Corporation
CA158 INTERSIL-CA158_01 Datasheet
187Kb / 7P
Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
May 2001
logo
Harris Corporation
CA741C HARRIS-CA741C Datasheet
421Kb / 6P
HIGH-GAIN SINGLE AND DUAL OPERATIONAL AMPLIFIERS FOR MILITARY INDUSTRIAL AND COMMERCIAL APPLICATIONS
logo
Finisar Corporation.
FTE8510K1LTN FINISAR-FTE8510K1LTN Datasheet
558Kb / 2P
For Industrial and Military Applications
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com