Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA3161 Datasheet (PDF) - Intersil Corporation

CA3161 Datasheet PDF - Intersil Corporation
Part # CA3161
Download  CA3161 Download
File Size   17.91 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description BCD to Seven Segment Decoder/Driver

CA3161 Datasheet (PDF)

Go To PDF Page Download Datasheet
CA3161 Datasheet PDF - Intersil Corporation

Part # CA3161
Download  CA3161 Click to download

File Size   17.91 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description BCD to Seven Segment Decoder/Driver

CA3161 Datasheet (HTML) - Intersil Corporation


CA3161 Product details

Description

The CA3161E is a monolithic integrated circuit that performs the BCD to seven segment decoding function and features constant current segment drivers. When used with the CA3162E A/D Converter the CA3161E provides a complete digital readout system with a minimum number of external parts.



Features

• TTL Compatible Input Logic Levels

• 25mA (Typ) Constant Current Segment Outputs

• Eliminates Need for Output Current Limiting Resistors

• Pin Compatible with Other Industry Standard Decoders

• Low Standby Power Dissipation . . . . . . . . 18mW (Typ)




Similar Part No. - CA3161

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CA3161 RENESAS-CA3161 Datasheet
264Kb / 3P
BCD to Seven Segment Decoder/Driver
Aug 1997
logo
List of Unclassifed Man...
CA3161E ETC2-CA3161E Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Renesas Technology Corp
CA3161E RENESAS-CA3161E Datasheet
264Kb / 3P
BCD to Seven Segment Decoder/Driver
Aug 1997
More results


Similar Description - CA3161

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD14511B HITACHI-HD14511B Datasheet
98Kb / 6P
BCD-to-Seven Segment Latch/Decoder/Driver
HD74HC4543 HITACHI-HD74HC4543 Datasheet
68Kb / 10P
BCD-to-Seven Segment Latch/Decoder/Driver
logo
STMicroelectronics
HCF4511B STMICROELECTRONICS-HCF4511B Datasheet
498Kb / 13P
BCD TO SEVEN SEGMENT LATCH/DECODER/DRIVER
Oct-2002
logo
Toshiba Semiconductor
TC4511BP TOSHIBA-TC4511BP_07 Datasheet
401Kb / 10P
BCD-to-Seven Segment Latch/Decoder/Driver
logo
Renesas Technology Corp
HD74HC4511 RENESAS-HD74HC4511 Datasheet
107Kb / 8P
BCD-to-Seven Segment Latch/Decoder/Driver
HD74HC4543P RENESAS-HD74HC4543P Datasheet
118Kb / 9P
BCD-to-Seven Segment Latch/Decoder/Driver
logo
Unisonic Technologies
MC14511 UTC-MC14511 Datasheet
145Kb / 9P
BCD-TO-SEVEN SEGMENT LATCH/DECODER/DRIVER
MC14511 UTC-MC14511_18 Datasheet
236Kb / 8P
BCD-TO-SEVEN SEGMENT LATCH/DECODER/DRIVER
logo
Renesas Technology Corp
CA3161 RENESAS-CA3161 Datasheet
264Kb / 3P
BCD to Seven Segment Decoder/Driver
Aug 1997
logo
List of Unclassifed Man...
74248 ETC1-74248 Datasheet
75Kb / 1P
BCD- to-Seven- Segment Decoder /Driver
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com