Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2H80F2 Datasheet (PDF) - National Instruments Corporation

P2H80F2 Datasheet PDF - National Instruments Corporation
Part # P2H80F2_15
Download  P2H80F2 Download
File Size   208.27 Kbytes
Page   2 Pages
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation
Description 80A Avg 200 Volts

P2H80F2 Datasheet (PDF)

Go To PDF Page Download Datasheet
P2H80F2 Datasheet PDF - National Instruments Corporation

Part # P2H80F2_15
Download  P2H80F2 Click to download

File Size   208.27 Kbytes
Page   2 Pages
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation
Description 80A Avg 200 Volts

P2H80F2 Datasheet (HTML) - National Instruments Corporation




Similar Part No. - P2H80F2_15

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
P2H80F2 NIEC-P2H80F2 Datasheet
155Kb / 3P
FRD MODULE 80A/200V
logo
Kyocera Kinseki Corpota...
P2H80F2 KSS-P2H80F2 Datasheet
425Kb / 2P
Fast Recovery Diode
More results


Similar Description - P2H80F2_15

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PFT814N NIEC-PFT814N_1 Datasheet
213Kb / 3P
80A Avg 400 Volts
logo
National Instruments Co...
P2H30QH20 NI-P2H30QH20_15 Datasheet
225Kb / 2P
30A Avg 200 Volts
P2H60QH20 NI-P2H60QH20_15 Datasheet
227Kb / 2P
60A Avg 200 Volts
P2H80F4 NI-P2H80F4_15 Datasheet
208Kb / 2P
80A Avg 400 Volts
P2H80QH10 NI-P2H80QH10_15 Datasheet
238Kb / 2P
80A Avg 100 Volts
P2H80QH15 NI-P2H80QH15_15 Datasheet
74Kb / 1P
80A Avg 150 Volts
P2H80QH20 NI-P2H80QH20_15 Datasheet
227Kb / 2P
80A Avg 200 Volts
PC50F2 NI-PC50F2_15 Datasheet
221Kb / 2P
50A Avg 200 Volts
PC80Q04N NI-PC80Q04N_15 Datasheet
161Kb / 2P
80A Avg 40 Volts
PC80QL03N NI-PC80QL03N_15 Datasheet
153Kb / 2P
80A Avg 30 Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com