Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA3290 Datasheet (PDF) - Intersil Corporation

CA3290 Datasheet PDF - Intersil Corporation
Part # CA3290
Download  CA3290 Download
File Size   347.88 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description BiMOS Dual Voltage Comparators with MOSFET Input, Bipolar Output

CA3290 Datasheet (PDF)

Go To PDF Page Download Datasheet
CA3290 Datasheet PDF - Intersil Corporation

Part # CA3290
Download  CA3290 Click to download

File Size   347.88 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description BiMOS Dual Voltage Comparators with MOSFET Input, Bipolar Output

CA3290 Datasheet (HTML) - Intersil Corporation


CA3290 Product details

The CA3290A and CA3290 types consist of a dual voltage comparator on a single monolithic chip. The common mode input voltage range includes ground even when operated from a single supply. The low supply current drain makes these comparators suitable for battery operation; their extremely low input currents allow their use in applications that employ sensors with extremely high source impedances. Package options are shown in the table below.

Features
• MOSFET Input Stage
   - Very High Input Impedance (ZIN) . . . . . . . . 1.7TΩ (Typ)
   - Very Low Input Current at V+ = 5V. . . . . . . 3.5pA (Typ)
   - Wide Common Mode Input Voltage Range (VICR) Can Be Swung 1.5V (Typ) Below Negative Supply Voltage Rail
   - Virtually Eliminates Errors Due to Flow of Input Currents
• Output Voltage Compatible with TTL, DTL, ECL, MOS, and CMOS Logic Systems in Most Applications

Applications
• High Source Impedance Voltage Comparators
• Long Time Delay Circuits
• Square Wave Generators
• A/D Converters
• Window Comparators




Similar Part No. - CA3290

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3290 INTERSIL-CA3290 Datasheet
497Kb / 10P
BiMOS Dual Voltage Comparators with MOSFET Input, Bipolar Output
January 2004
CA3290A INTERSIL-CA3290A Datasheet
497Kb / 10P
BiMOS Dual Voltage Comparators with MOSFET Input, Bipolar Output
January 2004
CA3290AE INTERSIL-CA3290AE Datasheet
497Kb / 10P
BiMOS Dual Voltage Comparators with MOSFET Input, Bipolar Output
January 2004
CA3290E INTERSIL-CA3290E Datasheet
497Kb / 10P
BiMOS Dual Voltage Comparators with MOSFET Input, Bipolar Output
January 2004
CA3290 INTERSIL-CA3290_04 Datasheet
497Kb / 10P
BiMOS Dual Voltage Comparators with MOSFET Input, Bipolar Output
January 2004
More results


Similar Description - CA3290

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7141 NTE-NTE7141 Datasheet
34Kb / 4P
Integrated Circuit Dual BIMOS Operational Amplifier w/MOSFET Input, Bipolar Output
logo
Intersil Corporation
CA3140 INTERSIL-CA3140 Datasheet
1Mb / 19P
4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
September 1998
CA3240 INTERSIL-CA3240 Datasheet
609Kb / 15P
Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
August 2001
CA5470 INTERSIL-CA5470 Datasheet
57Kb / 5P
Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
November 1996
logo
Harris Corporation
CA3410 HARRIS-CA3410 Datasheet
337Kb / 10P
Quad BiMOS Operational Amplifiers With MOSFET Input, Bipolar Output
logo
Intersil Corporation
CA3140 INTERSIL-CA3140_05 Datasheet
1Mb / 23P
4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
July 11, 2005
CA3290 INTERSIL-CA3290_04 Datasheet
497Kb / 10P
BiMOS Dual Voltage Comparators with MOSFET Input, Bipolar Output
January 2004
CA3240 INTERSIL-CA3240_05 Datasheet
669Kb / 15P
Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
March 4, 2005
logo
Renesas Technology Corp
CA3140 RENESAS-CA3140 Datasheet
1Mb / 24P
4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
CA3240 RENESAS-CA3240 Datasheet
868Kb / 15P
Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com