Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4015 Datasheet (PDF) - Intersil Corporation

CD4015 Datasheet PDF - Intersil Corporation
Part # CD4015
Download  CD4015 Download
File Size   118.72 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Dual 4-Stage Static Shift Register With Serial Input/Parallel Output

CD4015 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4015 Datasheet PDF - Intersil Corporation

Part # CD4015
Download  CD4015 Click to download

File Size   118.72 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Dual 4-Stage Static Shift Register With Serial Input/Parallel Output

CD4015 Datasheet (HTML) - Intersil Corporation


CD4015 Product details

Description

CD4015BMS consists of two identical, independent, 4-stage serial-input/parallel output registers. Each register has independent CLOCK and RESET inputs as well as a single serial DATA input. “Q” outputs are available from each of the four stages on both registers. All register stages are D type, master-slave flip-flops. The logic level present at the DATA input is transferred into the first register stage and shifted over one stage at each positive-going clock transition. Resetting of all

stages is accomplished by a high level on the reset line. Register expansion to 8 stages using one CD4015BMS package, or to more than 8 stages using additional CD4015BMS’s is possible.



Features

• High-Voltage Type (20V Rating)

• Medium Speed Operation 12MHz (typ.) Clock Rate at VDD - VSS = 10V

• Fully Static Operation

• 8 Master-Slave Flip-Flops Plus Input and Output Buffering

• 100% Tested For Quiescent Current at 20V

• 5V, 10V and 15V Parametric Ratings

• Standardized Symmetrical Output Characteristics

• Maximum Input Current of 1µA at 18V Over Full Package-Temperature Range; 100nA at 18V and 25°C

• Noise Margin (Full Package-Temperature Range) =

- 1V at VDD = 5V

- 2V at VDD = 10V

- 2.5V at VDD = 15V




Similar Part No. - CD4015

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CD4015 FAIRCHILD-CD4015 Datasheet
56Kb / 6P
Dual 4-Bit Static Shift Register
logo
Intersil Corporation
CD4015 INTERSIL-CD4015 Datasheet
74Kb / 3P
CMOS Dual 4-Stage Static Shift Register With Serial Input/Parallel Output
July 1999
logo
National Semiconductor ...
CD4015 NSC-CD4015 Datasheet
134Kb / 6P
Dual 4-Bit Static Shift Register
logo
List of Unclassifed Man...
CD4015 ETC2-CD4015 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Texas Instruments
CD4015B TI-CD4015B Datasheet
521Kb / 11P
CMOS Dual 4-Stage Static Shift Register
More results


Similar Description - CD4015

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4015B STMICROELECTRONICS-HCC4015B Datasheet
281Kb / 12P
DUAL 4-STAGE STATIC SHIFT REGISTER WITH SERIAL INPUT/PARALLEL OUTPUT
Jun-1989
logo
Toshiba Semiconductor
TC4015BP TOSHIBA-TC4015BP Datasheet
262Kb / 6P
DUAL 4-STAGE STATIC SHIFT REGISTER (WITH SERIAL INPUT/PARALLEL OUTPUT)
logo
Intersil Corporation
CD4015BT INTERSIL-CD4015BT Datasheet
74Kb / 3P
CMOS Dual 4-Stage Static Shift Register With Serial Input/Parallel Output
July 1999
logo
STMicroelectronics
HCF4015B STMICROELECTRONICS-HCF4015B Datasheet
225Kb / 10P
DUAL 4-STAGE STATIC SHIFT REGISTER WITH SERIAL INPUT/PARALLEL OUTPUT
Sep-2002
logo
List of Unclassifed Man...
MMC4015 ETC1-MMC4015 Datasheet
109Kb / 4P
DUAL 4-STAGE STATIC SHIFT REGISTER WITH SERIAL INPUT / PARALLEL OUTPUT
logo
Texas Instruments
CD4015B TI-CD4015B Datasheet
521Kb / 11P
CMOS Dual 4-Stage Static Shift Register
logo
Toshiba Semiconductor
TC4015BP TOSHIBA-TC4015BP_07 Datasheet
347Kb / 9P
Dual 4-Stage Static Shift Register(with serial input/parallel output)
logo
Unisonic Technologies
UCD4015B UTC-UCD4015B Datasheet
229Kb / 8P
CMOS Dual 4-Stage Static Shift Register
UCD4015B UTC-UCD4015B_16 Datasheet
230Kb / 9P
CMOS DUAL 4-STAGE STATIC SHIFT REGISTER
logo
Renesas Technology Corp
CD4015BMS RENESAS-CD4015BMS Datasheet
424Kb / 8P
CMOS Dual 4-Stage Static Shift Register With Serial Input/Parallel Output
December 1992
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com