Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPA821TC Datasheet (PDF) - NEC

UPA821TC Datasheet PDF - NEC
Part # UPA821TC
Download  UPA821TC Download
File Size   64.47 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NPN SILICON EPITAXIAL TWIN TRANSISTOR WITH BUILT-IN 2 x 2SC5006 FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD

UPA821TC Datasheet (PDF)

Go To PDF Page Download Datasheet
UPA821TC Datasheet PDF - NEC

Part # UPA821TC
Download  UPA821TC Click to download

File Size   64.47 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NPN SILICON EPITAXIAL TWIN TRANSISTOR WITH BUILT-IN 2 x 2SC5006 FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD

UPA821TC Datasheet (HTML) - NEC


UPA821TC Product details

DESCRIPTION
The µPA821TC has built-in low-voltage two transistors which are designed for low-noise amplification in the VHF to UHF band.

FEATURES
• Low noise: NF= 1.2 dB TYP.@ f = 1 GHz, VCE = 3 V, IC = 7 mA
• High gain: IS21el2 = 9.0 dB TYP. @ f = 1 GHz, VCE = 3 V, IC = 7 mA
• Flat-lead 6-pin thin-type ultra super minimold package
• Built-in 2 transistors (2 × 2SC5006)




Similar Part No. - UPA821TC

ManufacturerPart #DatasheetDescription
logo
NEC
UPA821TF NEC-UPA821TF Datasheet
40Kb / 6P
NPN SILICON EPITAXIAL TWIN TRANSISTOR
logo
Renesas Technology Corp
UPA821TF RENESAS-UPA821TF Datasheet
225Kb / 18P
SILICON TRANSISTOR
1997
logo
NEC
UPA821TF-T1 NEC-UPA821TF-T1 Datasheet
40Kb / 6P
NPN SILICON EPITAXIAL TWIN TRANSISTOR
More results


Similar Description - UPA821TC

ManufacturerPart #DatasheetDescription
logo
NEC
UPA801TC NEC-UPA801TC Datasheet
76Kb / 12P
NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC5006 FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
UPA804TC NEC-UPA804TC Datasheet
66Kb / 16P
NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC5004 FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
UPA810TC NEC-UPA810TC Datasheet
53Kb / 12P
NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC5006 FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
UPA814TC NEC-UPA814TC Datasheet
84Kb / 20P
NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC5195 FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
UPA826TC NEC-UPA826TC Datasheet
66Kb / 12P
NPN SILICON EPITAXIAL TWIN TRANSISTOR WITH BUILT-IN 2 x 2SC5010 FLAT-LEAD 6-PIN THIN -TYPE ULTRA SUPER MINIMOLD
UPA831TC NEC-UPA831TC Datasheet
79Kb / 16P
NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD PACKAGE
UPA835TC NEC-UPA835TC Datasheet
71Kb / 12P
NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD PACKAGE
UPA840TC NEC-UPA840TC Datasheet
79Kb / 16P
NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD PACKAGE
UPA843TC NEC-UPA843TC Datasheet
76Kb / 7P
NPN SILICON RF TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
2SC5745 NEC-2SC5745 Datasheet
121Kb / 24P
NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW NOISE FLAT-LEAD 3-PIN THIN-TYPE ULTRA SUPER MINIMOLD
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com