Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4018 Datasheet (PDF) - Intersil Corporation

CD4018 Datasheet PDF - Intersil Corporation
Part # CD4018
Download  CD4018 Download
File Size   140.67 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS 4 Bit Arithmetic Logic Unit

CD4018 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4018 Datasheet PDF - Intersil Corporation

Part # CD4018
Download  CD4018 Click to download

File Size   140.67 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS 4 Bit Arithmetic Logic Unit

CD4018 Datasheet (HTML) - Intersil Corporation


CD4018 Product details

Description

The CD40181BMS is a low power four bit parallel arithmetic logic unit (ALU) capable of providing 16 binary arithmetic operations on two four-bit words and 16 logical functions of two Boolean variables. The mode control input M selects logical (M = High) or arithmetic (M = Low) operation. The four select inputs (S0, S1, S2, and S3) select the desired logical or arithmetic functions, which include AND, OR, NAND, NOR and exclusive-OR and-NOR in the logic mode, and addition, subtraction, decrement, left-shift and straight transfer in the arithmetic mode, according to the truth table. The CD40181BMS operation may be interpreted with either active-low or active-high data at the A and B word inputs and the function outputs F, by using the appropriate truth table.



Features

• High Voltage Type (20V Rating)

• Full Look Ahead Carry for Speed Operations on Long Words

• Generates 16 Logic Functions of Two Boolean Variables

• Generates 16 Arithmetic Functions of Two 4 Bit Binary Words

• A = B comparator Output Available

• Ripple Carry Input and Output Available

• Typical Addition Time 200ns at VDD = 10V

• 100% Tested for Quiescent Current at 20V

• 5V, 10V and 15V Parametric Ratings

• Maximum Input Current of 1µA at 18V Over Full Pack

age Temperature Range; 100nA at 18V and +25°C

• Noise Margin (Over Full Package/Temperature Range)

- 1V at VDD = 5V

- 2V at VDD = 10V

- 2.5V at VDD = 15V

• Standardized Symmetrical Output Characteristics

• Meets All Requirements of JEDEC Tentative Standard No. 13B, “Standard Specifications for Description of ‘B’ Series CMOS Devices”




Similar Part No. - CD4018

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4018 TI-CD4018 Datasheet
245Kb / 12P
CMOS PRESETTABLE DIVIDE-BY-N COUNTER
logo
Intersil Corporation
CD4018 INTERSIL-CD4018 Datasheet
140Kb / 9P
CMOS Look-Ahead Carry Generator
December 1992
CD40182 INTERSIL-CD40182 Datasheet
140Kb / 9P
CMOS Look-Ahead Carry Generator
December 1992
CD40182BMS INTERSIL-CD40182BMS Datasheet
140Kb / 9P
CMOS Look-Ahead Carry Generator
December 1992
logo
Texas Instruments
CD4018B TI-CD4018B Datasheet
245Kb / 12P
CMOS PRESETTABLE DIVIDE-BY-N COUNTER
More results


Similar Description - CD4018

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS181 MOTOROLA-SN54LS181 Datasheet
277Kb / 9P
4-BIT ARITHMETIC LOGIC UNIT
logo
National Semiconductor ...
54F181DM NSC-54F181DM Datasheet
218Kb / 10P
4-Bit Arithmetic Logic Unit
DM54LS181 NSC-DM54LS181 Datasheet
154Kb / 10P
4-Bit Arithmetic Logic Unit
logo
STMicroelectronics
HCC40181B STMICROELECTRONICS-HCC40181B Datasheet
272Kb / 12P
4-BIT ARITHMETIC LOGIC UNIT
Jun-1989
logo
Fairchild Semiconductor
74F381 FAIRCHILD-74F381 Datasheet
77Kb / 8P
4-Bit Arithmetic Logic Unit
DM74LS181 FAIRCHILD-DM74LS181 Datasheet
74Kb / 7P
4-Bit Arithmetic Logic Unit
DM93S41 FAIRCHILD-DM93S41 Datasheet
61Kb / 7P
4-Bit Arithmetic Logic Unit
logo
NXP Semiconductors
74AC11181 PHILIPS-74AC11181 Datasheet
500Kb / 19P
4 BIT ARITHMETIC LOGIC UNIT
October 1990
logo
National Semiconductor ...
54LS181 NSC-54LS181 Datasheet
193Kb / 7P
4-BIT ARITHMETIC LOGIC UNIT
logo
Motorola, Inc
MC5474F181 MOTOROLA-MC5474F181 Datasheet
125Kb / 5P
4-BIT ARITHMETIC LOGIC UNIT
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com