Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD40182 Datasheet (PDF) - Intersil Corporation

CD40182 Datasheet PDF - Intersil Corporation
Part # CD40182
Download  CD40182 Download
File Size   140.6 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Look-Ahead Carry Generator

CD40182 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD40182 Datasheet PDF - Intersil Corporation

Part # CD40182
Download  CD40182 Click to download

File Size   140.6 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Look-Ahead Carry Generator

CD40182 Datasheet (HTML) - Intersil Corporation


CD40182 Product details

Description

The CD40182BMS is a high-speed look-ahead carry gener ator capable of anticipating a carry across four binary adders or groups of adders. The CD40182BMS is cascadable to perform full look-ahead across n-bit adders. Carry, propagate-carry, and generate-carry functions are provided as enumerated in the terminal designation below.



Features

• High Voltage Type (20V Rating)

• Generates High-Speed Carry Across Four Adders or Adder Groups

• High-Speed Operation

- tPHL, tPLH =100 ns (typ) at VDD = 10V

• Cascadable for Fast Carries Over N Bits

• Designed for Use with CD40181BMS ALU

• 100% Tested for Quiescent Current at 20V

• 5V, 10V and 15V Parametric Ratings

• Standardized Symmetrical Output Characteristics

• Maximum Input Current of 1µA at 18V Over Full Pack

age Temperature Range; 100nA at 18V and +25°C

• Noise Margin (Over Full Package/Temperature Range)

- 1V at VDD = 5V

- 2V at VDD = 10V

- 2.5V at VDD = 15V

• Meets All Requirements of JEDEC Tentative Standard No. 13B, “Standard Specifications for Description of ‘B’ Series CMOS Devices”




Similar Part No. - CD40182

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4018 TI-CD4018 Datasheet
245Kb / 12P
CMOS PRESETTABLE DIVIDE-BY-N COUNTER
logo
Intersil Corporation
CD4018 INTERSIL-CD4018 Datasheet
140Kb / 10P
CMOS 4 Bit Arithmetic Logic Unit
December 1992
CD40181 INTERSIL-CD40181 Datasheet
140Kb / 10P
CMOS 4 Bit Arithmetic Logic Unit
December 1992
CD40181BMS INTERSIL-CD40181BMS Datasheet
140Kb / 10P
CMOS 4 Bit Arithmetic Logic Unit
December 1992
logo
Texas Instruments
CD4018B TI-CD4018B Datasheet
245Kb / 12P
CMOS PRESETTABLE DIVIDE-BY-N COUNTER
More results


Similar Description - CD40182

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F182 PHILIPS-74F182 Datasheet
56Kb / 6P
Look-ahead carry generator
1991 Apr 15 2 853
74HC182 PHILIPS-74HC182 Datasheet
68Kb / 9P
Look-ahead carry generator
December 1990
logo
STMicroelectronics
HCC40182B STMICROELECTRONICS-HCC40182B Datasheet
282Kb / 12P
LOOK-AHEAD CARRY GENERATOR
Jun-1989
M54HC182 STMICROELECTRONICS-M54HC182 Datasheet
260Kb / 12P
FUNCTION LOOK AHEAD CARRY GENERATOR
Mar-1993
logo
Fairchild Semiconductor
DM74S182 FAIRCHILD-DM74S182 Datasheet
53Kb / 5P
Look-Ahead Carry Generator
logo
Hitachi Semiconductor
HD74HC182 HITACHI-HD74HC182 Datasheet
56Kb / 9P
Look-Ahead Carry Generator
logo
NXP Semiconductors
100179 PHILIPS-100179 Datasheet
328Kb / 7P
Carry Look-Ahead Generator
June 14 1990
logo
Motorola, Inc
MC145828B MOTOROLA-MC145828B Datasheet
106Kb / 6P
LOOK-AHEAD CARRY BLOCK
logo
Renesas Technology Corp
HD74HC182 RENESAS-HD74HC182 Datasheet
166Kb / 10P
Look-Ahead Carry Generator
logo
National Semiconductor ...
DM74AS282 NSC-DM74AS282 Datasheet
316Kb / 5P
Look-Ahead Carry Generator With Selectable Carry Inputs
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com