Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4050BMS Datasheet (PDF) - Intersil Corporation

CD4050BMS Datasheet PDF - Intersil Corporation
Part # CD4050BMS
Download  CD4050BMS Download
File Size   81.35 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Hex Buffer/Converter

CD4050BMS Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4050BMS Datasheet PDF - Intersil Corporation

Part # CD4050BMS
Download  CD4050BMS Click to download

File Size   81.35 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Hex Buffer/Converter

CD4050BMS Datasheet (HTML) - Intersil Corporation


CD4050BMS Product details

CMOS Hex Buffer/Converter

The CD4050BMS is an non-inverting hex buffer and features logic level conversion using only one supply voltage (VCC). The input signal high level (VIH) can exceed the VCC supply voltage when this device is used for logic level conversions. This device is intended for use as CMOS to DTL/TTL

converters and can drive directly two DTL/TTL loads. (VCC= 5V, VOL≤0.4V, and IOL≥3.3mA.

The CD4050BMS is designated as replacement for CD4010B. Because the CD4050BMS requires only one power supply, it is preferred over the CD4010B and should be used in place of the CD4010B in all inverter, current driver, or logic level conversion applications. In these applications the CD4050BMS is pin compatible with the CD4010B, and can be substituted for this device in existing as well as in new designs. Terminal No. 16 is not connected internally on the CD4050BMS, therefore, connection to this terminal is of no consequence to circuit operation. For applications not requiring high sink current or voltage conversion, the CD4069UB Hex Inverter is ecommended.

The CD4050BMS is supplied in these 16 lead outline pack ages:

Braze Seal DIP H4T

Frit Seal DIP H1E

Ceramic Flatpack H3X



Features

• High Voltage Type (20V Rating)

• Non-Inverting Type

• High Sink Current for Driving 2 TTL Loads

• High-to-Low Level Logic Conversion

• 100% Tested for Quiescent Current at 20V

• Maximum Input Current of 1µA at 18V Over Full Package Temperature Range; 100nA at 18V and +25oC

• 5V, 10V and 15V Parametric Ratings



Applications

• CMOS to DTL/TTL Hex Converter

• CMOS Current “Sink” or “Source” Driver

• CMOS High-to-Low Logic Level Converter




Similar Part No. - CD4050BMS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CD4050BMS RENESAS-CD4050BMS Datasheet
327Kb / 7P
CMOS Hex Buffer/Converter
December 1992
More results


Similar Description - CD4050BMS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4503B TI-CD4503B Datasheet
481Kb / 11P
CMOS HEX BUFFER
logo
Intersil Corporation
CD4010BMS INTERSIL-CD4010BMS Datasheet
78Kb / 8P
CMOS Hex Buffer/Converter
November 1994
CD4049UBMS INTERSIL-CD4049UBMS Datasheet
75Kb / 7P
CMOS Hex Buffer/Converter
December 1992
CD4049UBT INTERSIL-CD4049UBT Datasheet
33Kb / 3P
CMOS Hex Buffer/Converter
July 1999
CD4049BMS INTERSIL-CD4049BMS Datasheet
85Kb / 7P
CMOS Hex Buffer/Converter
December 1992
CD4049UBMS INTERSIL-CD4049UBMS_07 Datasheet
313Kb / 11P
CMOS Hex Buffer/Converter
March 6, 2007
logo
Texas Instruments
CD4010B-Q1 TI1-CD4010B-Q1 Datasheet
4Mb / 14P
CMOS HEX BUFFER/CONVERTER
CD4503B TI1-CD4503B_15 Datasheet
913Kb / 15P
Cmos Hex Buffer
logo
Renesas Technology Corp
CD4049UBMS RENESAS-CD4049UBMS Datasheet
414Kb / 11P
CMOS Hex Buffer/Converter
March 6, 2007
CD4050BMS RENESAS-CD4050BMS Datasheet
327Kb / 7P
CMOS Hex Buffer/Converter
December 1992
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com