Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4010BMS Datasheet (PDF) - Intersil Corporation

CD4010BMS Datasheet PDF - Intersil Corporation
Part # CD4010BMS
Download  CD4010BMS Download
File Size   78.43 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Hex Buffer/Converter

CD4010BMS Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4010BMS Datasheet PDF - Intersil Corporation

Part # CD4010BMS
Download  CD4010BMS Click to download

File Size   78.43 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Hex Buffer/Converter

CD4010BMS Datasheet (HTML) - Intersil Corporation


CD4010BMS Product details

CD4010BMS Hex Buffer/Converter may be used as CMOS to TTL or DTL logic-level converter or CMOS high-sink-cur rent driver.



Features

• Non-Inverting Type

• High-Voltage Type (20V Rating)

• 100% Tested for Quiescent Current at 20V

• Maximum Input Current of 1µA at 18V Over Full Package-Temperature Range;

   - 100nA at 18V and +25oC

• 5V, 10V and 15V Parametric Ratings



Applications

• CMOS To DTL/TTL Hex Converter

• CMOS Current “Sink” or “Source” Driver

• CMOS High-to-Low Logic-Level Converter

• Multiplexer - 1 to 6 or 6 to 1



 




Similar Part No. - CD4010BMS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4010BM TI-CD4010BM Datasheet
304Kb / 12P
CMOS HEX BUFFERS/CONVERTERS
CD4010BM TI-CD4010BM Datasheet
1Mb / 18P
CMOs Hex Buffers/Converters
CD4010BM TI1-CD4010BM Datasheet
1Mb / 17P
CMOS Hex Buffers/Converters
CD4010BM TI2-CD4010BM Datasheet
1Mb / 21P
CMOS Hex Buffers/Converters
Revised October 2003
CD4010BM.A TI2-CD4010BM.A Datasheet
1Mb / 21P
CMOS Hex Buffers/Converters
Revised October 2003
More results


Similar Description - CD4010BMS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4503B TI-CD4503B Datasheet
481Kb / 11P
CMOS HEX BUFFER
logo
Intersil Corporation
CD4049UBMS INTERSIL-CD4049UBMS Datasheet
75Kb / 7P
CMOS Hex Buffer/Converter
December 1992
CD4049UBT INTERSIL-CD4049UBT Datasheet
33Kb / 3P
CMOS Hex Buffer/Converter
July 1999
CD4050BMS INTERSIL-CD4050BMS Datasheet
81Kb / 7P
CMOS Hex Buffer/Converter
December 1992
CD4049BMS INTERSIL-CD4049BMS Datasheet
85Kb / 7P
CMOS Hex Buffer/Converter
December 1992
CD4049UBMS INTERSIL-CD4049UBMS_07 Datasheet
313Kb / 11P
CMOS Hex Buffer/Converter
March 6, 2007
logo
Texas Instruments
CD4010B-Q1 TI1-CD4010B-Q1 Datasheet
4Mb / 14P
CMOS HEX BUFFER/CONVERTER
CD4503B TI1-CD4503B_15 Datasheet
913Kb / 15P
Cmos Hex Buffer
logo
Renesas Technology Corp
CD4049UBMS RENESAS-CD4049UBMS Datasheet
414Kb / 11P
CMOS Hex Buffer/Converter
March 6, 2007
CD4050BMS RENESAS-CD4050BMS Datasheet
327Kb / 7P
CMOS Hex Buffer/Converter
December 1992
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com