Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4010BMS Datasheet(PDF) 7 Page - Intersil Corporation

Part # CD4010BMS
Description  CMOS Hex Buffer/Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4010BMS Datasheet(HTML) 7 Page - Intersil Corporation

  CD4010BMS Datasheet HTML 1Page - Intersil Corporation CD4010BMS Datasheet HTML 2Page - Intersil Corporation CD4010BMS Datasheet HTML 3Page - Intersil Corporation CD4010BMS Datasheet HTML 4Page - Intersil Corporation CD4010BMS Datasheet HTML 5Page - Intersil Corporation CD4010BMS Datasheet HTML 6Page - Intersil Corporation CD4010BMS Datasheet HTML 7Page - Intersil Corporation CD4010BMS Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
4-7
FIGURE 7. TYPICAL OUTPUT HIGH (SOURCE) CURRENT
CHARACTERISTICS
FIGURE 8. MINIMUM OUTPUT HIGH (SOURCE) CURRENT
CHARACTERISTICS
FIGURE 9. TYPICAL LOW-TO-HIGH PROPAGATION
DELAYTIME vs LOAD CAPACITANCE
FIGURE 10. TYPICAL HIGH-TO-LOW PROPAGATION
DELAYTIME vs LOAD CAPACITANCE
FIGURE 11. TYPICAL LOW-TO-HIGH TRANSITION TIME vs
LOAD CAPACITANCE
FIGURE 12. TYPICAL HIGH-TO-LOW TRANSITION TIME vs
LOAD CAPACITANCE
Typical Performance Characteristics (Continued)
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
-1
-2
-3
-4
-5
-6
-7
-8
-9
-10
-11
-12
0
-1
-2
-3
-4
-5
-6
-7
AMBIENT TEMPERATURE (TA) = +25
oC
GATE-TO-SOURCE
VOLTAGE (VGS) = -5V
-10V
-15V
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
-2
-4
-6
-8
-10
-12
0
-1
-2
-3
-4
-5
-6
-7
AMBIENT TEMPERATURE (TA) = +25
oC
GATE-TO-SOURCE
VOLTAGE (VGS) = -5V
-10V
-15V
AMBIENT TEMPERATURE
(TA) = +25
oC
SUPPLY VOLTAGE (VDD) = 5V
10V
15V
120
100
80
60
40
20
0
20
40
60
80
100
120
LOAD CAPACITANCE (CL) (pF)
AMBIENT TEMPERATURE
(TA) = +25
oC
80
70
60
50
40
30
20
10
0
10
20
30
4050
60
7080
90
100
LOAD CAPACITANCE (CL) (pF)
SUPPLY VOLTAGE (VDD) = 5V
10V
15V
AMBIENT TEMPERATURE (TA) = +25
oC
10V
15V
SUPPLY VOLTAGE (VDD) = 5V
250
200
150
100
50
0
20
40
60
80
100
120
LOAD CAPACITANCE (CL) (pF)
AMBIENT TEMPERATURE (TA) = +25
oC
10V
15V
SUPPLY VOLTAGE (VDD) = 5V
0
10
20
30
40
506070
80
90
100
10
20
30
40
50
60
LOAD CAPACITANCE (CL) (pF)
CD4010BMS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com