Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4724BMS Datasheet (PDF) - Intersil Corporation

CD4724BMS Datasheet PDF - Intersil Corporation
Part # CD4724BMS
Download  CD4724BMS Download
File Size   109.82 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS 8-Bit Addressable Latch

CD4724BMS Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4724BMS Datasheet PDF - Intersil Corporation

Part # CD4724BMS
Download  CD4724BMS Click to download

File Size   109.82 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS 8-Bit Addressable Latch

CD4724BMS Datasheet (HTML) - Intersil Corporation


CD4724BMS Product details

Description
CD4724BMS 8-bit addressable latch is a serial-input, parallel-output storage register that can perform a variety of functions.

Features
• High Voltage Type (20V Rating)
• Serial Data Input
• Active Parallel Output
• Storage Register Capability
• Master Clear
• Can Function as Demultiplexer
• Standardized Symmetrical Output Characteristics
• 100% Tested for Quiescent Current at 20V
• Maximum Input Current of 1µA at 18V Over Full Package Temperature Range; 100nA at 18V and +25oC
• Noise Margin (Over Full Package/Temperature Range)
    - 1V at VDD = 5V
    - 2V at VDD = 10V
    - 2.5V at VDD = 15V
• 5V, 10V and 15V Parametric Ratings
• Meets All Requirements of JEDEC Tentative Standard No. 13B, “Standard Specifications for Description of ‘B’ Series CMOS Devices”

Applications
• Multi-line Decoders
• A/D Converters




Similar Part No. - CD4724BMS

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4724BM NSC-CD4724BM Datasheet
146Kb / 8P
Dual 4-Bit, 8-Bit Addressable Latch
CD4724BMJ NSC-CD4724BMJ Datasheet
146Kb / 8P
Dual 4-Bit, 8-Bit Addressable Latch
CD4724BMN NSC-CD4724BMN Datasheet
146Kb / 8P
Dual 4-Bit, 8-Bit Addressable Latch
More results


Similar Description - CD4724BMS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4099B TI-CD4099B Datasheet
237Kb / 5P
CMOS 8-BIT ADDRESSABLE LATCH
CD4724B TI-CD4724B Datasheet
262Kb / 5P
CMOS 8-BIT ADDRESSABLE LATCH
logo
Hitachi Semiconductor
HD74AC259 HITACHI-HD74AC259 Datasheet
69Kb / 11P
8-bit Addressable Latch
logo
Intersil Corporation
CD4099BMS INTERSIL-CD4099BMS Datasheet
110Kb / 10P
CMOS 8-Bit Addressable Latch
December 1992
logo
Texas Instruments
CD4099B TI-CD4099B_12 Datasheet
969Kb / 17P
CMOS 8-BIT ADDRESSABLE LATCH
CD4724B TI-CD4724B_13 Datasheet
1,013Kb / 13P
CMOS 8-BIT ADDRESSABLE LATCH
CD4099BE TI-CD4099BE Datasheet
969Kb / 17P
CMOS 8-Bit Addressable Latch
CD4724BE TI-CD4724BE Datasheet
437Kb / 10P
CMOS 8-Bit Addressable Latch
CD4099B TI1-CD4099B_15 Datasheet
973Kb / 16P
CMOS 8-Bit Addressable Latch
logo
Renesas Technology Corp
CD4099BMS RENESAS-CD4099BMS Datasheet
409Kb / 10P
CMOS 8-Bit Addressable Latch
December 1992
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com