Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4099BMS Datasheet (PDF) - Renesas Technology Corp

CD4099BMS Datasheet PDF - Renesas Technology Corp
Part # CD4099BMS
Download  CD4099BMS Download
File Size   409.46 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS 8-Bit Addressable Latch

CD4099BMS Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4099BMS Datasheet PDF - Renesas Technology Corp

Part # CD4099BMS
Download  CD4099BMS Click to download

File Size   409.46 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS 8-Bit Addressable Latch

CD4099BMS Datasheet (HTML) - Renesas Technology Corp


CD4099BMS Product details

Features
• High Voltage Type (20V Rating)
• Serial Data Input
• Active Parallel Output
• Storage Register Capability
• Master Clear
• Can Function as Demultiplexer
• 100% Tested for Quiescent Current at 20V
• 5V, 10V and 15V Parametric Ratings
• Standardized Symmetrical Output Characteristics
• Maximum Input Current of 1A at 18V Over Full Package Temperature Range; 100nA at 18V and +25oC
• Noise Margin (Over Full Package/Temperature Range)
- 1V at VDD = 5V
- 2V at VDD = 10V
- 2.5V at VDD = 15V
• Meets All Requirements of JEDEC Tentative Standard
No. 13B, “Standard Specifications for Description of
‘B’ Series CMOS Devices”

Description
CD4099BMS 8-bit addressable latch is a serial input, parallel
output storage register that can perform a variety of functions.
Data are inputted to a particular bit in the latch when that bit
is addressed (by means of inputs A0, A1, A2) and when
WRITE DISABLE is at a low level. When WRITE DISABLE is
high, data entry is inhibited; however, all 8 outputs can be
continuously read independent of WRITE DISABLE and
address inputs.
A master RESET input is available, which resets all bits to a
logic “0” level when RESET and WRITE DISABLE are at a
high level. When RESET is at a high level, and WRITE DISABLE is at a low level, the latch acts as a 1 of 8 demultiplexer; the bit that is addressed has an active output which
follows the data input, while all unaddressed bits are held to
a logic “0” level.
The CD4099BMS is supplied in these 16-lead outline packages:
Braze Seal DIP H4X
Frit Seal DIP H1F
Ceramic Flatpack H6W




Similar Part No. - CD4099BMS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD4099BMS INTERSIL-CD4099BMS Datasheet
110Kb / 10P
CMOS 8-Bit Addressable Latch
December 1992
More results


Similar Description - CD4099BMS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4099B TI-CD4099B Datasheet
237Kb / 5P
CMOS 8-BIT ADDRESSABLE LATCH
CD4724B TI-CD4724B Datasheet
262Kb / 5P
CMOS 8-BIT ADDRESSABLE LATCH
logo
Hitachi Semiconductor
HD74AC259 HITACHI-HD74AC259 Datasheet
69Kb / 11P
8-bit Addressable Latch
logo
Intersil Corporation
CD4099BMS INTERSIL-CD4099BMS Datasheet
110Kb / 10P
CMOS 8-Bit Addressable Latch
December 1992
CD4724BMS INTERSIL-CD4724BMS Datasheet
109Kb / 10P
CMOS 8-Bit Addressable Latch
December 1992
logo
Texas Instruments
CD4099B TI-CD4099B_12 Datasheet
969Kb / 17P
CMOS 8-BIT ADDRESSABLE LATCH
CD4724B TI-CD4724B_13 Datasheet
1,013Kb / 13P
CMOS 8-BIT ADDRESSABLE LATCH
CD4099BE TI-CD4099BE Datasheet
969Kb / 17P
CMOS 8-Bit Addressable Latch
CD4724BE TI-CD4724BE Datasheet
437Kb / 10P
CMOS 8-Bit Addressable Latch
CD4099B TI1-CD4099B_15 Datasheet
973Kb / 16P
CMOS 8-Bit Addressable Latch
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com