Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4099BMS Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # CD4099BMS
Description  CMOS 8-Bit Addressable Latch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CD4099BMS Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button CD4099BMS Datasheet HTML 2Page - Renesas Technology Corp CD4099BMS Datasheet HTML 3Page - Renesas Technology Corp CD4099BMS Datasheet HTML 4Page - Renesas Technology Corp CD4099BMS Datasheet HTML 5Page - Renesas Technology Corp CD4099BMS Datasheet HTML 6Page - Renesas Technology Corp CD4099BMS Datasheet HTML 7Page - Renesas Technology Corp CD4099BMS Datasheet HTML 8Page - Renesas Technology Corp CD4099BMS Datasheet HTML 9Page - Renesas Technology Corp CD4099BMS Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
CD4099BMS
FN3333 Rev 0.00
Page 8 of 10
December 1992
FIGURE 6. A/D CONVERTER
Typical Performance Characteristics
FIGURE 7. TYPICAL OUTPUT LOW (SINK) CURRENT
CHARACTERISTICS
FIGURE 8. MINIMUM OUTPUT LOW (SINK) CURRENT
CHARACTERISTICS
14
6
12
9
8
7
5
VDD
13
1
2
3
CR
R-C
AST
OSC
OUT
CD4047
330
100
470pF
4
1
2
3
*
6
5
4
*
CD4001
*
HYCOMP HC210SLD-2R
**
OR EQUIVALENT
8
9
10
*
13
12
11
*
t2
16
15
10
9
2
VDD
3
4
5
Q1A
Q2A
Q3A
CLOCK
R
CD4520
1
5
6
7
7
Q7
WD
R
CD4099BMS
2
Q6
Q5
Q4
Q3
Q2
Q1
Q0
4
DATA
3
A2
A1
A0
1
4
8
2
3
5
6
7
R2R
LADDER NETWORK
**
13
12
11
10
9
16
OUT
LSB
CD4099BMS
OUTPUTS
TO DISPLAY
MSB
CA3130
+
-
3
2
8
4
5
1
10k
56pF
100
k
6
VDD
10k
7
ANALOG
IN
START
CONVERSION
t1
(t1 < t2)
k
9
12
1
10 11
13 14 15
10V
5V
AMBIENT TEMPERATURE (TA) = +25oC
GATE-TO-SOURCE VOLTAGE (VGS) = 15V
0
5
10
15
15
10
5
20
25
30
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
10V
5V
AMBIENT TEMPERATURE (TA) = +25oC
GATE-TO-SOURCE VOLTAGE (VGS) = 15V
0
5
10
15
7.5
5.0
2.5
10.0
12.5
15.0
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com