Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPA834TF Datasheet (PDF) - NEC

UPA834TF Datasheet PDF - NEC
Part # UPA834TF
Download  UPA834TF Download
File Size   68.83 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A 6-PIN THIN-TYPE SMALL MINI MOLD PACKAGE

UPA834TF Datasheet (PDF)

Go To PDF Page Download Datasheet
UPA834TF Datasheet PDF - NEC

Part # UPA834TF
Download  UPA834TF Click to download

File Size   68.83 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A 6-PIN THIN-TYPE SMALL MINI MOLD PACKAGE

UPA834TF Datasheet (HTML) - NEC


UPA834TF Product details

DESCRIPTION
The µPA834TF has two different built-in transistors (Q1 and Q2) for low noise amplification in the VHF band to UHF band.

FEATURES
• Low noise
   Q1 : NF = 1.4 dB TYP., Q2 : NF = 1.2 dB TYP.
   @f = 1 GHz, VCE = 3 V, IC = 7 mA
• High gain
   Q1 : |S21e|2 = 12.0 dB TYP. Q2 : |S21e|2 = 9.0 dB TYP.
   @f = 1 GHz, VCE = 3 V, IC = 7 mA
• 6-pin thin-type small mini mold package
• 2 different transistors on-chip (2SC4227, 2SC4226)




Similar Part No. - UPA834TF

ManufacturerPart #DatasheetDescription
logo
NEC
UPA834TF NEC-UPA834TF Datasheet
60Kb / 10P
NPN SILICON EPITAXIAL TWIN TRANSISTOR
logo
Renesas Technology Corp
UPA834TF RENESAS-UPA834TF Datasheet
212Kb / 14P
Silicon Transistor
1997
logo
NEC
UPA834TF-T1 NEC-UPA834TF-T1 Datasheet
60Kb / 10P
NPN SILICON EPITAXIAL TWIN TRANSISTOR
UPA834TF NEC-UPA834TF_99 Datasheet
60Kb / 10P
NPN SILICON EPITAXIAL TWIN TRANSISTOR
More results


Similar Description - UPA834TF

ManufacturerPart #DatasheetDescription
logo
NEC
UPA803T NEC-UPA803T Datasheet
60Kb / 8P
NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD
UPA806T NEC-UPA806T Datasheet
49Kb / 6P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD
UPA828TF NEC-UPA828TF Datasheet
92Kb / 20P
HIGH-FREQUENCY LOW-NOISE AMPLIFIER NPN SILICON EPITAXIAL TWIN TRANSISTOR WITH BUILT-IN 6-PIN 2 x 2SC5184 THIN-TYPE SMALL MINI MOLD
UPA831TC NEC-UPA831TC Datasheet
79Kb / 16P
NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD PACKAGE
UPA832TF NEC-UPA832TF Datasheet
65Kb / 12P
NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A 6-PIN THIN-TYPE SMALL MINI MOLD PACKAGE
UPA833TF NEC-UPA833TF Datasheet
74Kb / 16P
NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A 6-PIN THIN-TYPE SMALL MINI MOLD PACKAGE
UPA835TC NEC-UPA835TC Datasheet
71Kb / 12P
NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD PACKAGE
UPA840TC NEC-UPA840TC Datasheet
79Kb / 16P
NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD PACKAGE
UPA843TC NEC-UPA843TC Datasheet
76Kb / 7P
NPN SILICON RF TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
logo
California Eastern Labs
UPA863TD CEL-UPA863TD Datasheet
726Kb / 27P
NPN SILICON RF TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A 6-PIN LEAD-LESS MINIMOLD
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com