Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP1882D Datasheet (PDF) - Intersil Corporation

CDP1882D Datasheet PDF - Intersil Corporation
Part # CDP1882D
Download  CDP1882D Download
File Size   48.4 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS 6-Bit Latch and Decoder Memory Interfaces

CDP1882D Datasheet (PDF)

Go To PDF Page Download Datasheet
CDP1882D Datasheet PDF - Intersil Corporation

Part # CDP1882D
Download  CDP1882D Click to download

File Size   48.4 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS 6-Bit Latch and Decoder Memory Interfaces

CDP1882D Datasheet (HTML) - Intersil Corporation


CDP1882D Product details

Description
The CDP1881C, CDP1882 and CDP1882C are CMOS 6-bit memory latch and decoder circuits intended for use in CDP1800 series microprocessor systems. They can interface directly with the multiplexed address bus of this system at maximum clock frequency, and up to four 4K x 8-bit memories to provide a 16K byte memory system. With four 2K x 8-bit memories an 8K byte system can be decoded.

Features
• Performs Memory Address Latch and Decoder Functions Multiplexed or Non-Multiplexed
• Decodes Up to 16K Bytes of Memory
• Interfaces Directly with CDP1800-Series Microprocessors at Maximum Clock Frequency
• Can Replace CDP1866 and CDP1867 (Upward Speed and Function Capability)




Similar Part No. - CDP1882D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP1883 INTERSIL-CDP1883 Datasheet
32Kb / 6P
CMOS 7-Bit Latch and Decoder Memory Interfaces
March 1997
CDP1883 INTERSIL-CDP1883 Datasheet
124Kb / 7P
CMOS 7-Bit Latch and Decoder Memory Interfaces
March 1997
CDP1883C INTERSIL-CDP1883C Datasheet
32Kb / 6P
CMOS 7-Bit Latch and Decoder Memory Interfaces
March 1997
CDP1883C INTERSIL-CDP1883C Datasheet
124Kb / 7P
CMOS 7-Bit Latch and Decoder Memory Interfaces
March 1997
CDP1883CE INTERSIL-CDP1883CE Datasheet
32Kb / 6P
CMOS 7-Bit Latch and Decoder Memory Interfaces
March 1997
More results


Similar Description - CDP1882D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E150 ONSEMI-MC10E150 Datasheet
103Kb / 4P
6-BIT D LATCH
1996 REV 2
logo
Intersil Corporation
CDP1883 INTERSIL-CDP1883 Datasheet
32Kb / 6P
CMOS 7-Bit Latch and Decoder Memory Interfaces
March 1997
logo
Micrel Semiconductor
SY10E150 MICREL-SY10E150 Datasheet
60Kb / 4P
6-BIT D LATCH
logo
ON Semiconductor
MC74VHC259 ONSEMI-MC74VHC259 Datasheet
118Kb / 8P
8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter
April, 2001 ??Rev. 2
MC74LVX259 ONSEMI-MC74LVX259 Datasheet
178Kb / 11P
8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter
April, 2001 ??Rev. 1
logo
Micrel Semiconductor
SY10E150 MICREL-SY10E150_06 Datasheet
62Kb / 4P
6-BIT D LATCH
logo
Intersil Corporation
CDP1883 INTERSIL-CDP1883_1 Datasheet
124Kb / 7P
CMOS 7-Bit Latch and Decoder Memory Interfaces
March 1997
logo
ON Semiconductor
MC74VHCT259A ONSEMI-MC74VHCT259A_14 Datasheet
110Kb / 9P
8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter
October, 2014 ??Rev. 6
MC74LVX259 ONSEMI-MC74LVX259_14 Datasheet
130Kb / 9P
8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter
August, 2014 ??Rev. 4
logo
NXP Semiconductors
MWCT101XSF NXP-MWCT101XSF Datasheet
1Mb / 65P
Memory and memory interfaces
Rev. 3, 12/2019
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com