Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY10E150 Datasheet (PDF) - Micrel Semiconductor

SY10E150 Datasheet PDF - Micrel Semiconductor
Part # SY10E150
Download  SY10E150 Download
File Size   60.6 Kbytes
Page   4 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 6-BIT D LATCH

SY10E150 Datasheet (PDF)

Go To PDF Page Download Datasheet
SY10E150 Datasheet PDF - Micrel Semiconductor

Part # SY10E150
Download  SY10E150 Click to download

File Size   60.6 Kbytes
Page   4 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 6-BIT D LATCH

SY10E150 Datasheet (HTML) - Micrel Semiconductor


SY10E150 Product details

DESCRIPTION
The SY10/100E150 are 6-bit D latches with differential outputs designed for use in new, high- performance ECL systems. When both Latch Enables (LEN1, LEN2) are at a logic LOW, the latch is in the transparent mode and input data propagates through to the output. A logic HIGH on either LEN1 or LEN2 (or both) latches the input data. The Master Reset (MR) overrides all other signals to set the Q outputs to a logic LOW.

FEATURES
■ 700ps max. propagation delay
■ Extended 100E VEE range of –4.2V to –5.5V
■ Differential outputs
■ Fully compatible with industry standard 10KH, 100K ECL levels
■ Internal 75KΩ input pulldown resistors
■ Fully compatible with Motorola MC10E/100E150
■ Available in 28-pin PLCC package




Similar Part No. - SY10E150

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E150 MICREL-SY10E150 Datasheet
62Kb / 4P
6-BIT D LATCH
SY10E150JC MICREL-SY10E150JC Datasheet
62Kb / 4P
6-BIT D LATCH
SY10E150JCTR MICREL-SY10E150JCTR Datasheet
62Kb / 4P
6-BIT D LATCH
SY10E150JZ MICREL-SY10E150JZ Datasheet
62Kb / 4P
6-BIT D LATCH
SY10E150JZTR MICREL-SY10E150JZTR Datasheet
62Kb / 4P
6-BIT D LATCH
More results


Similar Description - SY10E150

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS375 MOTOROLA-SN54LS375 Datasheet
163Kb / 5P
4-BIT D LATCH
SN54LS75 MOTOROLA-SN54LS75 Datasheet
98Kb / 4P
4-BIT D LATCH
logo
ON Semiconductor
MC10E150 ONSEMI-MC10E150 Datasheet
103Kb / 4P
6-BIT D LATCH
1996 REV 2
MC10E155 ONSEMI-MC10E155 Datasheet
105Kb / 4P
6-BIT 2:1 MUX-LATCH
1996 REV 3
logo
STMicroelectronics
M54HC77 STMICROELECTRONICS-M54HC77 Datasheet
241Kb / 10P
4-BIT D-TYPE LATCH
Oct-1992
logo
Micrel Semiconductor
SY10E155 MICREL-SY10E155 Datasheet
60Kb / 4P
6-BIT 2:1 MUX-LATCH
logo
Cirrus Logic
CS5529 CIRRUS-CS5529 Datasheet
612Kb / 30P
16 BIT PROGRAMMABLE ADC WITH 6 BIT LATCH
logo
ON Semiconductor
MC10E150 ONSEMI-MC10E150_06 Datasheet
79Kb / 8P
5V ECL 6-Bit D Latch
December, 2006 ??Rev. 10
logo
Micrel Semiconductor
SY10E150 MICREL-SY10E150_06 Datasheet
62Kb / 4P
6-BIT D LATCH
SY10E155 MICREL-SY10E155_06 Datasheet
66Kb / 4P
6-BIT 2:1 MUX-LATCH
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com