Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY10E155 Datasheet (PDF) - Micrel Semiconductor

SY10E155 Datasheet PDF - Micrel Semiconductor
Part # SY10E155
Download  SY10E155 Download
File Size   60.59 Kbytes
Page   4 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 6-BIT 2:1 MUX-LATCH

SY10E155 Datasheet (PDF)

Go To PDF Page Download Datasheet
SY10E155 Datasheet PDF - Micrel Semiconductor

Part # SY10E155
Download  SY10E155 Click to download

File Size   60.59 Kbytes
Page   4 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 6-BIT 2:1 MUX-LATCH

SY10E155 Datasheet (HTML) - Micrel Semiconductor


SY10E155 Product details

DESCRIPTION
The SY10/100E155 offer six 2:1 multiplexers followed by latches with single-ended outputs, designed for use in new, high-performance ECL systems.

FEATURES
■ 750ps max. LEN to output
■ Extended 100E VEE range of –4.2V to –5.5V
■ 700ps max. D to output
■ Single-ended outputs
■ Asynchronous Master Reset
■ Dual latch-enables
■ Fully compatible with industry standard 10KH, 100K ECL levels
■ Internal 75KΩ input pulldown resistors
■ Fully compatible with Motorola MC10E/100E155
■ Available in 28-pin PLCC package




Similar Part No. - SY10E155

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E155 MICREL-SY10E155 Datasheet
66Kb / 4P
6-BIT 2:1 MUX-LATCH
SY10E155JC MICREL-SY10E155JC Datasheet
66Kb / 4P
6-BIT 2:1 MUX-LATCH
SY10E155JCTR MICREL-SY10E155JCTR Datasheet
66Kb / 4P
6-BIT 2:1 MUX-LATCH
SY10E155 MICREL-SY10E155_06 Datasheet
66Kb / 4P
6-BIT 2:1 MUX-LATCH
More results


Similar Description - SY10E155

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E154 ONSEMI-MC10E154 Datasheet
107Kb / 4P
5-BIT 2:1 MUX-LATCH
1996 REV 2
MC10E155 ONSEMI-MC10E155 Datasheet
105Kb / 4P
6-BIT 2:1 MUX-LATCH
1996 REV 3
MC10E156 ONSEMI-MC10E156 Datasheet
106Kb / 4P
3-BIT 4:1 MUX-LATCH
1996 REV 3
MC10E167 ONSEMI-MC10E167 Datasheet
105Kb / 4P
6-BIT 2:1 MUX-REGISTER
REV 2
logo
Micrel Semiconductor
SY10E154 MICREL-SY10E154 Datasheet
61Kb / 4P
5-BIT 2:1 MUX-LATCH
SY10E167 MICREL-SY10E167 Datasheet
155Kb / 3P
6-BIT 2:1 MUX-REGISTER
SY10E256 MICREL-SY10E256 Datasheet
60Kb / 4P
3-BIT 4:1 MUX-LATCH
logo
ON Semiconductor
MC10E154 ONSEMI-MC10E154_06 Datasheet
127Kb / 8P
5V ECL 5-Bit 2:1 Mux-Latch
November, 2006 ??Rev. 8
logo
Micrel Semiconductor
SY10E154 MICREL-SY10E154_06 Datasheet
63Kb / 4P
5-BIT 2:1 MUX-LATCH
SY10E155 MICREL-SY10E155_06 Datasheet
66Kb / 4P
6-BIT 2:1 MUX-LATCH
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com