Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY10E155 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY10E155
Description  6-BIT 2:1 MUX-LATCH
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E155 Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY10E155 Datasheet HTML 1Page - Micrel Semiconductor SY10E155 Datasheet HTML 2Page - Micrel Semiconductor SY10E155 Datasheet HTML 3Page - Micrel Semiconductor SY10E155 Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
SY10E155
SY100E155
Micrel
TRUTH TABLES
SEL
Data
Ha
Lb
LEN1
LEN2
Latch
L
L
Transparent
H
X
Latched
X
H
Latched
DC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ. Max.
Min. Typ.
Max.
Min.
Typ.
Max.
Unit
Condition
IIH
Input HIGH Current
——
150
——
150
——
150
µA
—
IEE
Power Supply Current
mA
—
10E
—
85
102
—
85
102
—
85
102
100E
—
85
102
—
85
102
—
98
117
AC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ. Max. Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Condition
tPLH
Propagation Delay to Output
ps
—
tPHL
D
325
500
700
325
500
700
325
500
700
SEL
475
675
925
475
675
925
475
675
925
LEN
350
500
750
350
500
750
350
500
750
MR
450
600
850
450
600
850
450
600
850
tS
Set-up Time
ps
—
D
300
100
—
300
100
—
300
100
—
SEL
500
250
—
500
250
—
500
250
—
tH
Hold Time
ps
—
D300
–100
—
300
–100
—
300
–100
—
SEL
0
–250
—
0
–250
—
0
–250
—
tRR
Reset Recovery Time
800
650
—
800
650
—
800
650
—
ps
—
tPW
Minimum Pulse Width, MR
400
——
400
——
400
——
ps
—
tskew
Within-Device Skew
—
75
——
75
——
75
—
ps
1
tr
Rise/Fall Time
300
450
800
300
450
800
300
450
800
ps
—
tf
20% to 80%
NOTE:
1. Within-device skew is defined as identical transitions on similar paths through a device.
PRODUCT ORDERING CODE
Ordering
Package
Operating
Code
Type
Range
SY10E155JC
J28-1
Commercial
SY10E155JCTR
J28-1
Commercial
SY100E155JC
J28-1
Commercial
SY100E155JCTR
J28-1
Commercial



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com