Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY10E150 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY10E150
Description  6-BIT D LATCH
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E150 Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY10E150 Datasheet HTML 1Page - Micrel Semiconductor SY10E150 Datasheet HTML 2Page - Micrel Semiconductor SY10E150 Datasheet HTML 3Page - Micrel Semiconductor SY10E150 Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
SY10E150
SY100E150
Micrel
(Each Latch)
INPUTS
OUTPUTS
Operating
Dn
LEN1
LEN2
MR
Qn
Qn
Mode
H
L
L
L
H
L
Latch
LL
L
L
L
H
X
X
H
L
Latched(2)
Latched(2)
X
H
X
L
Latched(2)
Latched(2)
X
X
X
H
L
H
Asynchronous
NOTES:
1. H = HIGH state
L = LOW state
X = Don’t care
2. Retains Data that is present before the LEN positive transition.
TRUTH TABLE
(1)
DC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ. Max. Min.
Typ.
Max. Min.
Typ.
Max.
Unit
Condition
IIH
Input HIGH Current
µA
—
D
——
200
——
200
——
200
LEN MR
——
150
——
150
——
150
IEE
Power Supply Current
mA
—
10E
—
52
62
—
52
62
—
52
62
100E
—
52
62
—
52
62
—
60
72



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com