Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTS191MS Datasheet (PDF) - Intersil Corporation

CTS191MS Datasheet PDF - Intersil Corporation
Part # CTS191MS
Download  CTS191MS Download
File Size   166.45 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Synchronous 4-Bit Up/Down Counter

CTS191MS Datasheet (PDF)

Go To PDF Page Download Datasheet
CTS191MS Datasheet PDF - Intersil Corporation

Part # CTS191MS
Download  CTS191MS Click to download

File Size   166.45 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Synchronous 4-Bit Up/Down Counter

CTS191MS Datasheet (HTML) - Intersil Corporation


CTS191MS Product details

Description
The Intersil HCTS191MS is a Radiation Hardened asynchronously presettable 4 bit binary up/down synchronous counter.
Presetting the counter to the number on the preset data inputs
(P0 - P3) is accomplished by a low asynchronous parallel load
input (PL). Counting occurs when PL is high, Count Enable (CE)
is low, and the Up/Down (U/D) input is either low for up-counting
or high for down-counting. The counter is incremented or decremented synchronously with the low-to-high transition of the clock.
When an overflow or underflow of the counter occurs, the
Terminal Count output (TC), which is low during counting, goes
high and remains high for one clock cycle. This output can be
used for look-ahead carry in high speed cascading. The TC
output also initiates the Ripple Clock output (RC) which, normally
high, goes low and remains low for the low-level portion of the
clock pulse. These counter can be cascaded using the Ripple
Carry output.
The HCTS191MS utilizes advanced CMOS/SOS technology to
achieve high-speed operation. This device is a member of
radiation hardened, high-speed, CMOS/SOS Logic Family.
The HCTS191MS is supplied in a 16 lead Ce

Features
• 3 Micron Radiation Hardened CMOS SOS
• Total Dose 200K RAD (Si)
• SEP Effective LET No Upsets: >100 MEV-cm2/mg
• Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/BitDay (Typ)
• Dose Rate Survivability: >1 x 1012 RAD (Si)/s
• Dose Rate Upset: >1010 RAD (Si)/s 20ns Pulse
• Cosmic Ray Upset Immunity 2 x 10-9 Errors/Bit Day
• Latch-Up Free Under Any Conditions
• Fanout (Over Temperature Range)
- Standard Outputs - 10 LSTTL Loads
• Military Temperature Range: -55oC to +125oC
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• LSTTL Input Compatibility
- VIL = 0.8V Max
- VIH = VCC/2 Min
• Input Current Levels Ii ≤ 5µA @ VOL, VOH




Similar Part No. - CTS191MS

ManufacturerPart #DatasheetDescription
logo
Altech corporation
CTS10U ALTECH-CTS10U Datasheet
508Kb / 4P
FEED-THROUGH 35 or 32mm DIN Rail
logo
List of Unclassifed Man...
CTS122 ETC2-CTS122 Datasheet
140Kb / 1P
TNC STRAIGHT PLUG FOR ECS CABLE 311201 AND 421201
logo
Kemet Corporation
CTS150 KEMET-CTS150 Datasheet
122Kb / 1P
Automatic Testing/Marking Machine for Radial Capacitors
logo
Altech corporation
CTS16U ALTECH-CTS16U Datasheet
508Kb / 4P
FEED-THROUGH 35 or 32mm DIN Rail
logo
Clarke International
CTS17 CLARKE-CTS17 Datasheet
6Mb / 1P
10”(250MM) TABLE SAW
GC0322
More results


Similar Description - CTS191MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS161MS INTERSIL-ACS161MS Datasheet
98Kb / 4P
Radiation Hardened 4-Bit Synchronous Counter
January 1996
HCS190MS INTERSIL-HCS190MS Datasheet
121Kb / 9P
Radiation Hardened Synchronous 4-Bit Up/Down Counter
September 1995
HCS193MS INTERSIL-HCS193MS Datasheet
158Kb / 9P
Radiation Hardened Synchronous 4-Bit Up/Down Counter
September 1995
HCTS190MS INTERSIL-HCTS190MS Datasheet
157Kb / 10P
Radiation Hardened Synchronous 4-Bit Up/Down Counter
September 1995
HCTS193MS INTERSIL-HCTS193MS Datasheet
158Kb / 9P
Radiation Hardened Synchronous 4-Bit Up/Down Counter
September 1995
HCTS191MS INTERSIL-HCTS191MS Datasheet
167Kb / 10P
Radiation Hardened Synchronous 4-Bit Up/Down Counter
September 1995
logo
Renesas Technology Corp
ACTS161MS RENESAS-ACTS161MS Datasheet
218Kb / 4P
Radiation Hardened 4-Bit Synchronous Counter
January 1996
HCS193MS RENESAS-HCS193MS Datasheet
486Kb / 9P
Radiation Hardened Synchronous 4-Bit Up/Down Counter
September 1995
HCTS191MS RENESAS-HCTS191MS Datasheet
510Kb / 10P
Radiation Hardened Synchronous 4-Bit Up/Down Counter
September 1995
HCTS193MS RENESAS-HCTS193MS Datasheet
485Kb / 9P
Radiation Hardened Synchronous 4-Bit Up/Down Counter
September 1995
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com