Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTS191MS Datasheet(PDF) 4 Page - Intersil Corporation

Part # CTS191MS
Description  Radiation Hardened Synchronous 4-Bit Up/Down Counter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CTS191MS Datasheet(HTML) 4 Page - Intersil Corporation

  CTS191MS Datasheet HTML 1Page - Intersil Corporation CTS191MS Datasheet HTML 2Page - Intersil Corporation CTS191MS Datasheet HTML 3Page - Intersil Corporation CTS191MS Datasheet HTML 4Page - Intersil Corporation CTS191MS Datasheet HTML 5Page - Intersil Corporation CTS191MS Datasheet HTML 6Page - Intersil Corporation CTS191MS Datasheet HTML 7Page - Intersil Corporation CTS191MS Datasheet HTML 8Page - Intersil Corporation CTS191MS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
583
Specifications HCTS191MS
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTES 1, 2)
CONDITIONS
GROUP
A SUB-
GROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
PL to Qn
TPLH
VCC = 4.5V
9
+25oC
2
34
ns
10, 11
+125oC, -55oC
2
37
ns
TPHL
VCC = 4.5V
9
+25oC
2
44
ns
10, 11
+125oC, -55oC
2
49
ns
Pn to Qn
TPLH
VCC = 4.5V
9
+25oC
2
27
ns
10, 11
+125oC, -55oC
2
31
ns
TPHL
VCC = 4.5V
9
+25oC
2
39
ns
10, 11
+125oC, -55oC
2
45
ns
CP to Qn
TPLH
VCC = 4.5V
9
+25oC
2
26
ns
10, 11
+125oC, -55oC
2
30
ns
TPHL
VCC = 4.5V
9
+25oC
2
29
ns
10, 11
+125oC, -55oC
2
33
ns
CP to RC
TPLH
VCC = 4.5V
9
+25oC
2
20
ns
10, 11
+125oC, -55oC
2
23
ns
TPHL
VCC = 4.5V
9
+25oC
2
32
ns
10, 11
+125oC, -55oC
2
34
ns
CP to TC
TPLH
VCC = 4.5V
9
+25oC
2
37
ns
10, 11
+125oC, -55oC
2
42
ns
TPHL
VCC = 4.5V
9
+25oC
2
40
ns
10, 11
+125oC, -55oC
2
46
ns
U/D to RC
TPLH
VCC = 4.5V
9
+25oC
2
42
ns
10, 11
+125oC, -55oC
2
45
ns
TPHL
VCC = 4.5V
9
+25oC
2
38
ns
10, 11
+125oC, -55oC
2
43
ns
U/D to TC
TPLH
VCC = 4.5V
9
+25oC
2
34
ns
10, 11
+125oC, -55oC
2
38
ns
TPHL
VCC = 4.5V
9
+25oC
2
42
ns
10, 11
+125oC, -55oC
2
45
ns
CE to RC
TPLH
VCC = 4.5V
9
+25oC
2
22
ns
10, 11
+125oC, -55oC
2
25
ns
TPHL
VCC = 4.5V
9
+25oC
2
35
ns
10, 11
+125oC, -55oC
2
38
ns
NOTES:
1. All voltages referenced to device GND.
2. AC measurements assume RL = 500
Ω, CL = 50pF, Input TR = TF = 3ns, VIL = GND, VIH = 3V.
Spec Number
518621



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com