Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPB581A Datasheet (PDF) - NEC

UPB581A Datasheet PDF - NEC
Part # UPB581A
Download  UPB581A Download
File Size   77.19 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 3 GHz INPUT DIVIDE BY 2 PRESCALER IC FOR DBS TUNERS

UPB581A Datasheet (PDF)

Go To PDF Page Download Datasheet
UPB581A Datasheet PDF - NEC

Part # UPB581A
Download  UPB581A Click to download

File Size   77.19 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 3 GHz INPUT DIVIDE BY 2 PRESCALER IC FOR DBS TUNERS

UPB581A Datasheet (HTML) - NEC


UPB581A Product details

µPB1508GV is a 3.0 GHz input divide by 2 prescaler IC for DBS tuner applications. µPB1508GV can make VHF/UHF band PLL frequency synthesizer apply to DBS/ECS tuners. µPB1508GV is a shrink package version of µPB584G so that this small package contributes to reduce the mounting space.
µPB1508GV is manufactured using NEC’s high fT NESAT™ IV silicon bipolar process. This process uses silicon nitride passivation film and gold electrodes. These materials can protect chip surface from external pollution and prevent corrosion/migration. Thus, this IC has excellent performance, uniformity and reliability.

FEATURES
• High toggle frequency : fin = 0.5 GHz to 3.0 GHz
• High-density surface mounting : 8 pin plastic SSOP (175 mil)
• Low current consumption : 5 V, 12 mA
• Fixed division : ÷2

APPLICATION
• Prescaler between local oscillator and PLL frequency synthesizer included modulus prescaler
• DBS tuners with kit use of VHF/UHF band PLL frequency synthesizer




Similar Part No. - UPB581A

ManufacturerPart #DatasheetDescription
logo
NEC
UPB581B NEC-UPB581B Datasheet
76Kb / 4P
DIVIDE- BY- 2 PRESCALER
UPB581C NEC-UPB581C Datasheet
76Kb / 4P
DIVIDE- BY- 2 PRESCALER
More results


Similar Description - UPB581A

ManufacturerPart #DatasheetDescription
logo
NEC
UPB1506GV NEC-UPB1506GV Datasheet
143Kb / 20P
3GHz INPUT DIVIDE BY 256, 128, 64 PRESCALER IC FOR ANALOG DBS TUNERS
UPB1510GV NEC-UPB1510GV Datasheet
139Kb / 12P
3 GHz INPUT DIVIDE BY 4 PRESCALER IC FOR DBS TUNERS
logo
California Eastern Labs
UPB1508GV CEL-UPB1508GV Datasheet
213Kb / 7P
3.0 GHz DIVIDE BY 2 PRESCALER
logo
NEC
UPB581B NEC-UPB581B Datasheet
76Kb / 4P
DIVIDE- BY- 2 PRESCALER
UPB1511TB NEC-UPB1511TB_02 Datasheet
40Kb / 3P
800 MHz INPUT DIVIDE BY 2, 4 PRESCALER IC, FOR PORTABLE SYSTEMS
logo
California Eastern Labs
UPB1514TU CEL-UPB1514TU Datasheet
408Kb / 13P
16 GHz INPUT DIVIDE BY 8 PRESCALER IC FOR SATELLITE COMMUNICATIONS
logo
Lucky Light Electronic
PE3511 LUCKY-LIGHT-PE3511_15 Datasheet
260Kb / 9P
Divide-by-2 Prescaler
logo
Peregrine Semiconductor...
PE9301 PEREGRINE-PE9301_15 Datasheet
230Kb / 7P
Divide-by-2 Prescaler
PE9304 PEREGRINE-PE9304_15 Datasheet
216Kb / 6P
Divide-by-2 Prescaler
PE3511 PEREGRINE-PE3511_15 Datasheet
260Kb / 9P
Divide-by-2 Prescaler
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com