Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSL110D Datasheet (PDF) - Intersil Corporation

FSL110D Datasheet PDF - Intersil Corporation
Part # FSL110D
Download  FSL110D Download
File Size   58.59 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 3.5A, 100V, 0.600 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs

FSL110D Datasheet (PDF)

Go To PDF Page Download Datasheet
FSL110D Datasheet PDF - Intersil Corporation

Part # FSL110D
Download  FSL110D Click to download

File Size   58.59 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 3.5A, 100V, 0.600 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs

FSL110D Datasheet (HTML) - Intersil Corporation


FSL110D Product details

Features
• 3.5A, 100V, rDS(ON) = 0.600Ω
• Total Dose
    - Meets Pre-RAD Specifications to 100K RAD (Si)
• Single Event
    - Safe Operating Area Curve for Single Event Effects
    - SEE Immunity for LET of 36MeV/mg/cm2 with VDS up to 80% of Rated Breakdown and VGS of 10V Off-Bias
• Dose Rate
    - Typically Survives 3E9 RAD (Si)/s at 80% BVDSS
    - Typically Survives 2E12 if Current Limited to IDM
• Photo Current
    - 0.3nA Per-RAD(Si)/s Typically
• Neutron
    - Maintain Pre-RAD Specifications for 3E13 Neutrons/cm2
    - Usable to 3E14 Neutrons/cm2




Similar Part No. - FSL110D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSL116HR FAIRCHILD-FSL116HR Datasheet
868Kb / 13P
Green Mode Fairchild Power Switch
logo
ON Semiconductor
FSL116HR ONSEMI-FSL116HR Datasheet
273Kb / 13P
Green-Mode Power Switch
July, 2019 ??Rev. 2
logo
Fairchild Semiconductor
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
Green Mode Fairchild Power Switch (FPS??
logo
ON Semiconductor
FSL116LR ONSEMI-FSL116LR Datasheet
405Kb / 13P
Green Mode Power Switch
April, 2019 ??Rev. 2
logo
Fairchild Semiconductor
FSL117MRIN FAIRCHILD-FSL117MRIN Datasheet
1Mb / 15P
Green-Mode Fairchild Power Switch (FPS??
More results


Similar Description - FSL110D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FSF150D INTERSIL-FSF150D Datasheet
45Kb / 8P
25A, 100V, 0.070 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSJ160D INTERSIL-FSJ160D Datasheet
60Kb / 9P
70A, 100V, 0.022 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSJ9160D INTERSIL-FSJ9160D Datasheet
46Kb / 8P
44A, -100V, 0.055 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FSL130D INTERSIL-FSL130D Datasheet
45Kb / 8P
8A, 100V, 0.230 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSL13A0D INTERSIL-FSL13A0D Datasheet
71Kb / 8P
9A, 100V, 0.180 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1999
FSL913A0D INTERSIL-FSL913A0D Datasheet
57Kb / 8P
7A, -100V, 0.300 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1999
FSS130D INTERSIL-FSS130D Datasheet
45Kb / 8P
11A, 100V, 0.210 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSS13A0D INTERSIL-FSS13A0D Datasheet
71Kb / 8P
2A, 100V, 0.170 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 2000
FSS234D INTERSIL-FSS234D Datasheet
45Kb / 8P
6A, 250V, 0.600 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSS9130D INTERSIL-FSS9130D Datasheet
44Kb / 8P
6A, -100V, 0.660 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com