Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSL110D Datasheet(PDF) 1 Page - Intersil Corporation

Part # FSL110D
Description  3.5A, 100V, 0.600 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FSL110D Datasheet(HTML) 1 Page - Intersil Corporation

  FSL110D Datasheet HTML 1Page - Intersil Corporation FSL110D Datasheet HTML 2Page - Intersil Corporation FSL110D Datasheet HTML 3Page - Intersil Corporation FSL110D Datasheet HTML 4Page - Intersil Corporation FSL110D Datasheet HTML 5Page - Intersil Corporation FSL110D Datasheet HTML 6Page - Intersil Corporation FSL110D Datasheet HTML 7Page - Intersil Corporation FSL110D Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
4-1
FSL110D, FSL110R
3.5A, 100V, 0.600 Ohm, Rad Hard, SEGR
Resistant, N-Channel Power MOSFETs
The Discrete Products Operation of Intersil has developed a
series of Radiation Hardened MOSFETs specifically
designed for commercial and military space applications.
Enhanced Power MOSFET immunity to Single Event Effects
(SEE), Single Event Gate Rupture (SEGR) in particular, is
combined with 100K RADS of total dose hardness to provide
devices which are ideally suited to harsh space
environments. The dose rate and neutron tolerance
necessary for military applications have not been sacrificed.
The Intersil portfolio of SEGR resistant radiation hardened
MOSFETs includes N-Channel and P-Channel devices in a
variety of voltage, current and on-resistance ratings.
Numerous packaging options are also available.
This MOSFET is an enhancement-mode silicon-gate power
field-effect transistor of the vertical DMOS (VDMOS)
structure. It is specially designed and processed to be
radiation tolerant. The MOSFET is well suited for
applications exposed to radiation environments such as
switching regulation, switching converters, motor drives,
relay drivers and drivers for high-power bipolar switching
transistors requiring high speed and low gate drive power.
This type can be operated directly from integrated circuits.
Reliability screening is available as either commercial, TXV
equivalent of MIL-S-19500, or Space equivalent of
MIL-S-19500. Contact Intersil for any desired deviations
from the data sheet.
Formerly available as type TA17616.
Features
• 3.5A, 100V, rDS(ON) = 0.600Ω
• Total Dose
- Meets Pre-RAD Specifications to 100K RAD (Si)
• Single Event
- Safe Operating Area Curve for Single Event Effects
- SEE Immunity for LET of 36MeV/mg/cm2 with
VDS up to 80% of Rated Breakdown and
VGS of 10V Off-Bias
• Dose Rate
- Typically Survives 3E9 RAD (Si)/s at 80% BVDSS
- Typically Survives 2E12 if Current Limited to IDM
• Photo Current
- 0.3nA Per-RAD(Si)/s Typically
• Neutron
- Maintain Pre-RAD Specifications
for 3E13 Neutrons/cm2
- Usable to 3E14 Neutrons/cm2
Symbol
Package
TO-205AF
Ordering Information
RAD LEVEL
SCREENING LEVEL
PART NUMBER/BRAND
10K
Commercial
FSL110D1
10K
TXV
FSL110D3
100K
Commercial
FSL110R1
100K
TXV
FSL110R3
100K
Space
FSL110R4
D
G
S
D
G
S
Data Sheet
October 1998
File Number
4224.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - FSL110D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSL116HR FAIRCHILD-FSL116HR Datasheet
868Kb / 13P
Green Mode Fairchild Power Switch
logo
ON Semiconductor
FSL116HR ONSEMI-FSL116HR Datasheet
273Kb / 13P
Green-Mode Power Switch
July, 2019 ??Rev. 2
logo
Fairchild Semiconductor
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
Green Mode Fairchild Power Switch (FPS??
logo
ON Semiconductor
FSL116LR ONSEMI-FSL116LR Datasheet
405Kb / 13P
Green Mode Power Switch
April, 2019 ??Rev. 2
logo
Fairchild Semiconductor
FSL117MRIN FAIRCHILD-FSL117MRIN Datasheet
1Mb / 15P
Green-Mode Fairchild Power Switch (FPS??
More results

Similar Description - FSL110D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FSF150D INTERSIL-FSF150D Datasheet
45Kb / 8P
25A, 100V, 0.070 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSJ160D INTERSIL-FSJ160D Datasheet
60Kb / 9P
70A, 100V, 0.022 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSJ9160D INTERSIL-FSJ9160D Datasheet
46Kb / 8P
44A, -100V, 0.055 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FSL130D INTERSIL-FSL130D Datasheet
45Kb / 8P
8A, 100V, 0.230 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSL13A0D INTERSIL-FSL13A0D Datasheet
71Kb / 8P
9A, 100V, 0.180 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1999
FSL913A0D INTERSIL-FSL913A0D Datasheet
57Kb / 8P
7A, -100V, 0.300 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1999
FSS130D INTERSIL-FSS130D Datasheet
45Kb / 8P
11A, 100V, 0.210 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSS13A0D INTERSIL-FSS13A0D Datasheet
71Kb / 8P
2A, 100V, 0.170 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 2000
FSS234D INTERSIL-FSS234D Datasheet
45Kb / 8P
6A, 250V, 0.600 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSS9130D INTERSIL-FSS9130D Datasheet
44Kb / 8P
6A, -100V, 0.660 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com