Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8349 Datasheet (PDF) - Analog Devices

AD8349 Datasheet PDF - Analog Devices
Part # AD8349_15
Download  AD8349 Download
File Size   503.03 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 700 MHz to 2700 MHz Quadrature Modulator

AD8349 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8349 Datasheet PDF - Analog Devices

Part # AD8349_15
Download  AD8349 Click to download

File Size   503.03 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 700 MHz to 2700 MHz Quadrature Modulator

AD8349 Datasheet (HTML) - Analog Devices




Similar Part No. - AD8349_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8349ARE AD-AD8349ARE Datasheet
969Kb / 28P
700 MHz to 2700 MHz Quadrature Modulator
AD8349ARE-REEL7 AD-AD8349ARE-REEL7 Datasheet
969Kb / 28P
700 MHz to 2700 MHz Quadrature Modulator
AD8349AREZ AD-AD8349AREZ Datasheet
503Kb / 28P
700 MHz to 2700 MHz Quadrature Modulator
REV. B
More results


Similar Description - AD8349_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8349 AD-AD8349 Datasheet
969Kb / 28P
700 MHz to 2700 MHz Quadrature Modulator
logo
ATMEL Corporation
T0790 ATMEL-T0790 Datasheet
241Kb / 14P
700 MHz - 2700 MHz Direct Quadrature Modulator
logo
List of Unclassifed Man...
STQ-2016-3 ETC1-STQ-2016-3 Datasheet
533Kb / 16P
700-2500 MHz Direct Quadrature Modulator
logo
SIRENZA MICRODEVICES
STQ-2016 SIRENZA-STQ-2016 Datasheet
389Kb / 8P
700-2500 MHz Direct Quadrature Modulator
STQ-2016-3 SIRENZA-STQ-2016-3 Datasheet
533Kb / 16P
700-2500 MHz Direct Quadrature Modulator
logo
Hittite Microwave Corpo...
HMC696LP4E HITTITE-HMC696LP4E Datasheet
414Kb / 10P
SiGe WIDEBAND DIRECT QUADRATURE MODULATOR, 20 - 2700 MHz
HMC696LP4E HITTITE-HMC696LP4E_08 Datasheet
414Kb / 6P
SiGe WIDEBAND DIRECT QUADRATURE MODULATOR, 20 - 2700 MHz
logo
Analog Devices
ADRF6807 AD-ADRF6807 Datasheet
1,004Kb / 36P
700 MHz to 1050 MHz Quadrature
REV. B
AD8349AREZ AD-AD8349AREZ Datasheet
503Kb / 28P
700 MHz to 2700 MHz Quadrature Modulator
REV. B
logo
ATMEL Corporation
T0790-6CP ATMEL-T0790-6CP Datasheet
356Kb / 14P
700 MHz to 2700 MHz Operating Frequency
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com