Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSS230D Datasheet (PDF) - Intersil Corporation

FSS230D Datasheet PDF - Intersil Corporation
Part # FSS230D
Download  FSS230D Download
File Size   46.46 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8A, 200V, 0.440 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs

FSS230D Datasheet (PDF)

Go To PDF Page Download Datasheet
FSS230D Datasheet PDF - Intersil Corporation

Part # FSS230D
Download  FSS230D Click to download

File Size   46.46 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8A, 200V, 0.440 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs

FSS230D Datasheet (HTML) - Intersil Corporation


FSS230D Product details

Description
The Discrete Products Operation of Intersil Corporation has developed a series of Radiation Hardened MOSFETs specifically designed for commercial and military space applications. Enhanced Power MOSFET immunity to Single Event Effects (SEE), Single Event Gate Rupture (SEGR) in particular, is combined with 100K RADS of total dose hardness to provide devices which are ideally suited to harsh space environments. The dose rate and neutron tolerance necessary for military applications have not been sacrificed.

Features
• 8A, 200V, rDS(ON) = 0.440Ω
• Total Dose
    - Meets Pre-RAD Specifications to 100K RAD (Si)
• Single Event
    - Safe Operating Area Curve for Single Event Effects
    - SEE Immunity for LET of 36MeV/mg/cm2 with VDS up to 80% of Rated Breakdown and VGS of 10V Off-Bias
• Dose Rate
    - Typically Survives 3E9 RAD (Si)/s at 80% BVDSS
    - Typically Survives 2E12 if Current Limited to IDM
• Photo Current
    - 3.0nA Per-RAD(Si)/s Typically
• Neutron
    - Maintain Pre-RAD Specifications for 1E13 Neutrons/cm2
    - Usable to 1E14 Neutrons/cm2




Similar Part No. - FSS230D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FSS23 ETC1-FSS23 Datasheet
48Kb / 3P
2 Amp. Surface Mounted Schottky Barrier Rectifier
logo
Sanyo Semicon Device
FSS232 SANYO-FSS232 Datasheet
42Kb / 4P
Load Switching Applications
FSS234 SANYO-FSS234 Datasheet
29Kb / 4P
DC / DC Converter Applications
logo
Intersil Corporation
FSS234D INTERSIL-FSS234D Datasheet
45Kb / 8P
6A, 250V, 0.600 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSS234D1 INTERSIL-FSS234D1 Datasheet
45Kb / 8P
6A, 250V, 0.600 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
More results


Similar Description - FSS230D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FSF250D INTERSIL-FSF250D Datasheet
45Kb / 8P
24A, 200V, 0.110 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSF9250D INTERSIL-FSF9250D Datasheet
45Kb / 8P
15A, -200V, 0.290 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FSJ260D INTERSIL-FSJ260D Datasheet
46Kb / 8P
44A, 200V, 0.050 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSJ9260D INTERSIL-FSJ9260D Datasheet
46Kb / 8P
27A, -200V, 0.130 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FSL130D INTERSIL-FSL130D Datasheet
45Kb / 8P
8A, 100V, 0.230 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSL230D INTERSIL-FSL230D Datasheet
45Kb / 8P
5A, 200V, 0.460 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSS9230D INTERSIL-FSS9230D Datasheet
45Kb / 8P
4A, -200V, 1.60 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FSS923A0D INTERSIL-FSS923A0D Datasheet
56Kb / 8P
7A, -200V, 0.650 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1999
FSYA250D INTERSIL-FSYA250D Datasheet
46Kb / 8P
27A, 200V, 0.100 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
JANSR2N7400 INTERSIL-JANSR2N7400 Datasheet
43Kb / 8P
8A, 200V, 0.440 Ohm, Rad Hard, N-Channel Power MOSFET
June 1998
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com