Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSS230D Datasheet(PDF) 1 Page - Intersil Corporation

Part # FSS230D
Description  8A, 200V, 0.440 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FSS230D Datasheet(HTML) 1 Page - Intersil Corporation

  FSS230D Datasheet HTML 1Page - Intersil Corporation FSS230D Datasheet HTML 2Page - Intersil Corporation FSS230D Datasheet HTML 3Page - Intersil Corporation FSS230D Datasheet HTML 4Page - Intersil Corporation FSS230D Datasheet HTML 5Page - Intersil Corporation FSS230D Datasheet HTML 6Page - Intersil Corporation FSS230D Datasheet HTML 7Page - Intersil Corporation FSS230D Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
3-77
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
Features
• 8A, 200V, rDS(ON) = 0.440Ω
• Total Dose
- Meets Pre-RAD Specifications to 100K RAD (Si)
• Single Event
- Safe Operating Area Curve for Single Event Effects
- SEE Immunity for LET of 36MeV/mg/cm2 with
VDS up to 80% of Rated Breakdown and
VGS of 10V Off-Bias
• Dose Rate
- Typically Survives 3E9 RAD (Si)/s at 80% BVDSS
- Typically Survives 2E12 if Current Limited to IDM
• Photo Current
- 3.0nA Per-RAD(Si)/s Typically
• Neutron
- Maintain Pre-RAD Specifications
for 1E13 Neutrons/cm2
- Usable to 1E14 Neutrons/cm2
Formerly available as type TA17637.
Description
The Discrete Products Operation of Intersil Corporation has
developed a series of Radiation Hardened MOSFETs specif-
ically designed for commercial and military space applica-
tions. Enhanced Power MOSFET immunity to Single Event
Effects (SEE), Single Event Gate Rupture (SEGR) in particu-
lar, is combined with 100K RADS of total dose hardness to
provide devices which are ideally suited to harsh space envi-
ronments. The dose rate and neutron tolerance necessary
for military applications have not been sacrificed.
The Intersil portfolio of SEGR resistant radiation hardened
MOSFETs includes N-Channel and P-Channel devices in a
variety of voltage, current and on-resistance ratings.
Numerous packaging options are also available.
This MOSFET is an enhancement-mode silicon-gate power
field-effect transistor of the vertical DMOS (VDMOS) struc-
ture. It is specially designed and processed to be radiation
tolerant. The MOSFET is well suited for applications
exposed to radiation environments such as switching regula-
tion, switching converters, motor drives, relay drivers and
drivers for high-power bipolar switching transistors requiring
high speed and low gate drive power. This type can be
operated directly from integrated circuits.
Reliability screening is available as either commercial, TXV
equivalent
of
MIL-S-19500,
or
Space
equivalent
of
MIL-S-19500. Contact Intersil for any desired deviations
from the data sheet.
Symbol
Package
TO-257AA
Ordering Information
RAD LEVEL
SCREENING LEVEL
PART NUMBER/BRAND
10K
Commercial
FSS230D1
10K
TXV
FSS230D3
100K
Commercial
FSS230R1
100K
TXV
FSS230R3
100K
Space
FSS230R4
D
G
S
CAUTION: Beryllia Warning per MIL-S-19500
refer to package specifications.
G
S
D
File Number
4054.2
FSS230D, FSS230R
8A, 200V, 0.440 Ohm, Rad Hard,
SEGR Resistant, N-Channel Power MOSFETs
June 1998


Similar Part No. - FSS230D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FSS23 ETC1-FSS23 Datasheet
48Kb / 3P
2 Amp. Surface Mounted Schottky Barrier Rectifier
logo
Sanyo Semicon Device
FSS232 SANYO-FSS232 Datasheet
42Kb / 4P
Load Switching Applications
FSS234 SANYO-FSS234 Datasheet
29Kb / 4P
DC / DC Converter Applications
logo
Intersil Corporation
FSS234D INTERSIL-FSS234D Datasheet
45Kb / 8P
6A, 250V, 0.600 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSS234D1 INTERSIL-FSS234D1 Datasheet
45Kb / 8P
6A, 250V, 0.600 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
More results

Similar Description - FSS230D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FSF250D INTERSIL-FSF250D Datasheet
45Kb / 8P
24A, 200V, 0.110 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSF9250D INTERSIL-FSF9250D Datasheet
45Kb / 8P
15A, -200V, 0.290 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FSJ260D INTERSIL-FSJ260D Datasheet
46Kb / 8P
44A, 200V, 0.050 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSJ9260D INTERSIL-FSJ9260D Datasheet
46Kb / 8P
27A, -200V, 0.130 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FSL130D INTERSIL-FSL130D Datasheet
45Kb / 8P
8A, 100V, 0.230 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSL230D INTERSIL-FSL230D Datasheet
45Kb / 8P
5A, 200V, 0.460 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSS9230D INTERSIL-FSS9230D Datasheet
45Kb / 8P
4A, -200V, 1.60 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FSS923A0D INTERSIL-FSS923A0D Datasheet
56Kb / 8P
7A, -200V, 0.650 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1999
FSYA250D INTERSIL-FSYA250D Datasheet
46Kb / 8P
27A, 200V, 0.100 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
JANSR2N7400 INTERSIL-JANSR2N7400 Datasheet
43Kb / 8P
8A, 200V, 0.440 Ohm, Rad Hard, N-Channel Power MOSFET
June 1998
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com