Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSS430D Datasheet (PDF) - Intersil Corporation

FSS430D Datasheet PDF - Intersil Corporation
Part # FSS430D
Download  FSS430D Download
File Size   46.38 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 3A, 500V, 2.70 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs

FSS430D Datasheet (PDF)

Go To PDF Page Download Datasheet
FSS430D Datasheet PDF - Intersil Corporation

Part # FSS430D
Download  FSS430D Click to download

File Size   46.38 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 3A, 500V, 2.70 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs

FSS430D Datasheet (HTML) - Intersil Corporation


FSS430D Product details

Description
The Discrete Products Operation of Intersil Corporation has developed a series of Radiation Hardened MOSFETs specifically designed for commercial and military space applications. Enhanced Power MOSFET immunity to Single Event Effects (SEE), Single Event Gate Rupture (SEGR) in particular, is combined with 100K RADS of total dose hardness to provide devices which are ideally suited to harsh space environments. The dose rate and neutron tolerance necessary for military applications have not been sacrificed.

Features
• 3A, 500V, rDS(ON) = 2.70Ω
• Total Dose
    - Meets Pre-RAD Specifications to 100K RAD (Si)
• Single Event
    - Safe Operating Area Curve for Single Event Effects
    - SEE Immunity for LET of 36MeV/mg/cm2 with VDS up to 80% of Rated Breakdown and VGS of 10V Off-Bias
• Dose Rate
    - Typically Survives 3E9 RAD (Si)/s at 80% BVDSS
    - Typically Survives 2E12 if Current Limited to IDM
• Photo Current
    - 8.0nA Per-RAD(Si)/s Typically
• Neutron
    - Maintain Pre-RAD Specifications for 3E12 Neutrons/cm2
    - Usable to 3E13 Neutrons/cm2




Similar Part No. - FSS430D

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FSS SCHURTER-FSS Datasheet
532Kb / 3P
AC Filter 2-Stage, Very High Symmetrical Attenuation
FSS SCHURTER-FSS Datasheet
444Kb / 4P
AC Filter 2-Stage, Very High Symmetrical Attenuationl
logo
Heyco.
FSS HEYCO-FSS Datasheet
132Kb / 1P
Break-Away Bumpers
logo
Festo Corporation.
FSS-12-C FESTO-FSS-12-C Datasheet
76Kb / 1P
Quickstepper
logo
Honeywell Solid State E...
FSS-SMT HONEYWELL-FSS-SMT Datasheet
213Kb / 6P
Low Profile Force Sensor
More results


Similar Description - FSS430D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FRS430D INTERSIL-FRS430D Datasheet
49Kb / 6P
3A, 500V, 2.52 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FSF450D INTERSIL-FSF450D Datasheet
45Kb / 8P
9A, 500V, 0.600 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSJ260D INTERSIL-FSJ260D Datasheet
46Kb / 8P
44A, 200V, 0.050 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSJ264D INTERSIL-FSJ264D Datasheet
48Kb / 9P
33A, 250V, 0.080 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSL130D INTERSIL-FSL130D Datasheet
45Kb / 8P
8A, 100V, 0.230 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSL230D INTERSIL-FSL230D Datasheet
45Kb / 8P
5A, 200V, 0.460 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSL430D INTERSIL-FSL430D Datasheet
46Kb / 8P
2A, 500V, 2.50 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSL9230D INTERSIL-FSL9230D Datasheet
46Kb / 8P
3A, -200V, 1.50 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FSS230D INTERSIL-FSS230D Datasheet
46Kb / 8P
8A, 200V, 0.440 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
JANSR2N7402 INTERSIL-JANSR2N7402 Datasheet
45Kb / 8P
3A, 500V, 2.70 Ohm, Rad Hard, N-Channel Power MOSFET
June 1998
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com