Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA-5033 Datasheet (PDF) - Intersil Corporation

HA-5033 Datasheet PDF - Intersil Corporation
Part # HA-5033
Download  HA-5033 Download
File Size   235.6 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 250MHz Video Buffer

HA-5033 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA-5033 Datasheet PDF - Intersil Corporation

Part # HA-5033
Download  HA-5033 Click to download

File Size   235.6 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 250MHz Video Buffer

HA-5033 Datasheet (HTML) - Intersil Corporation


HA-5033 Product details

The HA-5033 is a unity gain monolithic IC designed for any application requiring a fast, wideband buffer. Featuring a bandwidth of 250MHz and outstanding differential phase/ gain characteristics, this high performance voltage follower is an excellent choice for video circuit design. Other features, which include a minimum slew rate of 1000V/µs and high output drive capability, make the HA-5033 applicable for line driver and high speed data conversion circuits.

Features
• Differential Phase Error . . . . . . . . . . . . . . . 0.02 Degrees
• Differential Gain Error. . . . . . . . . . . . . . . . . . . . . . . 0.03%
• High Slew Rate. . . . . . . . . . . . . . . . . . . . . . . . . . 1100V/µs
• Wide Bandwidth (Small Signal) . . . . . . . . . . . . . . 250MHz
• Wide Power Bandwidth . . . . . . . . . . . . . . DC to 17.5MHz
• Fast Rise Time . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3ns
• High Output Drive. . . . . . . . . . . . . . ±10V With 100Ω Load
• Wide Power Supply Range. . . . . . . . . . . . . . ±5V to ±16V
• Replace Costly Hybrids

Applications
• Video Buffer
• High Frequency Buffer
• Isolation Buffer
• High Speed Line Driver
• Impedance Matching
• Current Boosters
• High Speed A/D Input Buffers
• Related Literature
    - AN548, Designer’s Guide for HA-5033




Similar Part No. - HA-5033

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5033 INTERSIL-HA-5033 Datasheet
384Kb / 12P
250MHz Video Buffer
February 6, 2006
logo
Renesas Technology Corp
HA-5033 RENESAS-HA-5033 Datasheet
701Kb / 12P
250MHz Video Buffer
logo
Intersil Corporation
HA-5033 INTERSIL-HA-5033_06 Datasheet
384Kb / 12P
250MHz Video Buffer
February 6, 2006
More results


Similar Description - HA-5033

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
LH4002A CALOGIC-LH4002A Datasheet
53Kb / 5P
Wideband Video Buffer
logo
Maxim Integrated Produc...
MAX4102 MAXIM-MAX4102 Datasheet
144Kb / 12P
250MHz, Broadcast-Quality, Low-Power Video Op Amps
19-0471; Rev 0; 2/96
MAX4158 MAXIM-MAX4158 Datasheet
230Kb / 16P
350MHz/250MHz, 2-Channel Video Multiplexer-Amplifiers
Rev 2; 3/01
MAX498 MAXIM-MAX498 Datasheet
155Kb / 16P
Quad/Triple, SPDT, RGB Switches with 250MHz Video Buffer Amplifiers
Rev 0; 10/96
logo
Pericom Semiconductor C...
PI6C10804 PERICOM-PI6C10804 Datasheet
517Kb / 6P
1.8V/2.5V, 250MHz, 1:4 Networking Clock Buffer
logo
Intersil Corporation
HA-5033 INTERSIL-HA-5033_06 Datasheet
384Kb / 12P
250MHz Video Buffer
February 6, 2006
logo
Integrated Device Techn...
ICS87004I-03 IDT-ICS87004I-03 Datasheet
254Kb / 12P
LVCMOS/LVTTL FANOUT BUFFER/DIVIDER Maximum output frequency: 250MHz
logo
Pericom Semiconductor C...
PI6C10807 PERICOM-PI6C10807 Datasheet
355Kb / 7P
1.8V/2.5V, 250MHz, 1:10 Networking Clock Buffer
PI6C10810 PERICOM-PI6C10810 Datasheet
831Kb / 10P
1.2V-2.5V, 250MHz, 1:10 Networking Clock Buffer
logo
Renesas Technology Corp
HA-5033 RENESAS-HA-5033 Datasheet
701Kb / 12P
250MHz Video Buffer
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com