Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4158 Datasheet (PDF) - Maxim Integrated Products

MAX4158 Datasheet PDF - Maxim Integrated Products
Part # MAX4158
Download  MAX4158 Download
File Size   230.54 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 350MHz/250MHz, 2-Channel Video Multiplexer-Amplifiers

MAX4158 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4158 Datasheet PDF - Maxim Integrated Products

Part # MAX4158
Download  MAX4158 Click to download

File Size   230.54 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 350MHz/250MHz, 2-Channel Video Multiplexer-Amplifiers

MAX4158 Datasheet (HTML) - Maxim Integrated Products


MAX4158 Product details

General Description
The MAX4158/MAX4159/MAX4258/MAX4259 are wideband, 2-channel, noninverting video amplifiers with input multiplexing, capable of driving ±2.5V signals into 50Ω or 75Ω loads. These devices are current-mode feedback amplifiers; gain is set by external feedback resistors. The MAX4158/MAX4159 are optimized for unity gain (0dB) with a -3dB bandwidth of 350MHz. The MAX4258/ MAX4259 are optimized for gains of two (6dB) or more with a 250MHz -3dB bandwidth. These devices have low (0.01%/0.01°) differential gain and phase errors, and operate from ±5V supplies.

Features
♦ Excellent Video Specifications:
    0.1dB Gain Flatness to 130MHz
    0.01%/0.01° Differential Gain/Phase Error
♦ High Speed:
    350MHz -3dB Bandwidth (MAX4158/4159)
    250MHz -3dB Bandwidth (MAX4258/4259)
    700V/µs Slew Rate (MAX4158/4159)
    1000V/µs Slew Rate (MAX4258/4259)
    20ns Settling Time to 0.1%
♦ Fast Switching:
    20ns Channel-Switching Time
    <70mV Switching Transient
♦ Low Power: 100mW
♦ Directly Drive 75Ω or 50Ω Cables
♦ High Output Current Drive: >70mA
♦ Address Latch and High-Z Output Disable

Applications
    Video-Signal Multiplexing
    Video Crosspoint Switches
    Pixel Switching
    Coaxial Cable Drivers
    Workstations
    High-Definition TV (HDTV)
    Broadcast Video
    Multimedia Products
    High-Speed Signal Processing




Similar Part No. - MAX4158

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX410 MAXIM-MAX410 Datasheet
461Kb / 12P
Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps
19-4194; Rev 2; 11/96
MAX410 MAXIM-MAX410 Datasheet
325Kb / 16P
Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps
Rev 5; 10/08
MAX4100 MAXIM-MAX4100 Datasheet
144Kb / 12P
500MHz, Low-Power Op Amps
19-0436; Rev 1; 3/96
MAX4100-MAX4101 MAXIM-MAX4100-MAX4101 Datasheet
144Kb / 12P
500MHz, Low-Power Op Amps
19-0436; Rev 1; 3/96
MAX4100ESA MAXIM-MAX4100ESA Datasheet
144Kb / 12P
500MHz, Low-Power Op Amps
19-0436; Rev 1; 3/96
More results


Similar Description - MAX4158

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5033 INTERSIL-HA-5033 Datasheet
235Kb / 9P
250MHz Video Buffer
September 1998
logo
Linear Technology
LT1675 LINER-LT1675 Datasheet
326Kb / 16P
250MHz, Triple and Single RGB Multiplexer with Current Feedback Amplifiers
logo
Maxim Integrated Produc...
MAX442 MAXIM-MAX442 Datasheet
93Kb / 8P
140MHz, 2-Channel Video Multiplexer/Amplifier
Rev 1; 1/95
MAX498 MAXIM-MAX498 Datasheet
155Kb / 16P
Quad/Triple, SPDT, RGB Switches with 250MHz Video Buffer Amplifiers
Rev 0; 10/96
MAX4028 MAXIM-MAX4028 Datasheet
317Kb / 13P
Triple/Quad, 2:1 Video Multiplexer-Amplifiers with Input Clamps
Rev 0; 3/04
MAX4027 MAXIM-MAX4027 Datasheet
351Kb / 11P
225MHz, Triple, 2-Channel Video Multiplexer-Amplifier
Rev 0; 9/03
logo
Intersil Corporation
HA-5033 INTERSIL-HA-5033_06 Datasheet
384Kb / 12P
250MHz Video Buffer
February 6, 2006
logo
Linear Technology
LT1675 LINER-LT1675_15 Datasheet
787Kb / 16P
250MHz, Triple and Single RGB Multiplexer with Amplifiers
LT1675-1 LINER-LT1675-1_15 Datasheet
787Kb / 16P
250MHz, Triple and Single RGB Multiplexer with Amplifiers
logo
Renesas Technology Corp
HA-5033 RENESAS-HA-5033 Datasheet
701Kb / 12P
250MHz Video Buffer
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com