Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX442 Datasheet (PDF) - Maxim Integrated Products

MAX442 Datasheet PDF - Maxim Integrated Products
Part # MAX442
Download  MAX442 Download
File Size   93.61 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 140MHz, 2-Channel Video Multiplexer/Amplifier

MAX442 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX442 Datasheet PDF - Maxim Integrated Products

Part # MAX442
Download  MAX442 Click to download

File Size   93.61 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 140MHz, 2-Channel Video Multiplexer/Amplifier

MAX442 Datasheet (HTML) - Maxim Integrated Products


MAX442 Product details

General Description

The MAX442 combines a 140MHz video amplifier with a high-speed, 2-channel multiplexer in an 8-pin package. With its 36ns switching time and low differential gain (0.07%) and phase (0.09°) errors, it is ideal for broad cast-quality video applications. The device is designed to drive both 50Ω and 75Ω cables, and can directly drive a 75Ω load to ±3V.



Features

♦ 140MHz Unity-Gain Bandwidth

♦ 250V/µs Slew Rate

♦ 0.07%/0.09° Differential Gain/Phase Error

♦ 36ns Channel Switch Time

♦ No External Compensation Components

♦ 8-Pin DIP and SO Packages

♦ Directly Drives 50Ω and 75Ω Cables



Applications

  Broadcast-Quality Video-Signal Multiplexing

  Coaxial-Cable Drivers

  Video Editing

  Video Security Systems

  Medical Imaging

  High-Speed Signal Processing



 




Similar Part No. - MAX442

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4420 MAXIM-MAX4420 Datasheet
236Kb / 6P
High-Speed, 6A Single MOSFET Drivers
Rev 0; 11/92
MAX44205 MAXIM-MAX44205 Datasheet
1Mb / 29P
Fully Differential Op Amp/SAR ADC Driver
Rev 0; 6/14
MAX44205EVKIT MAXIM-MAX44205EVKIT Datasheet
650Kb / 6P
MAX44205 Evaluation Kit
Rev 0; 9/14
MAX44206 MAXIM-MAX44206 Datasheet
1Mb / 29P
180MHz, Low-Noise, Low-Distortion, Fully Differential Op Amp/ADC Driver
19-7446; Rev 0; 11/14
MAX44206AUA+ MAXIM-MAX44206AUA+ Datasheet
1Mb / 29P
180MHz, Low-Noise, Low-Distortion, Fully Differential Op Amp/ADC Driver
19-7446; Rev 0; 11/14
More results


Similar Description - MAX442

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WH157FU TOSHIBA-TC7WH157FU Datasheet
206Kb / 6P
2-CHANNEL MULTIPLEXER
logo
Linear Technology
LT1227 LINER-LT1227 Datasheet
326Kb / 12P
140MHz Video Current Feedback Amplifier
logo
Maxim Integrated Produc...
MAX4158 MAXIM-MAX4158 Datasheet
230Kb / 16P
350MHz/250MHz, 2-Channel Video Multiplexer-Amplifiers
Rev 2; 3/01
MAX452 MAXIM-MAX452 Datasheet
301Kb / 8P
CMOS Video Multiplexer/Amplifier
Rev. 0; 7/87
logo
Mitel Networks Corporat...
VP2612 MITEL-VP2612 Datasheet
154Kb / 11P
Video Multiplexer
logo
Maxim Integrated Produc...
MAX4027 MAXIM-MAX4027 Datasheet
351Kb / 11P
225MHz, Triple, 2-Channel Video Multiplexer-Amplifier
Rev 0; 9/03
logo
National Semiconductor ...
LMH6570 NSC-LMH6570 Datasheet
831Kb / 14P
2:1 High Speed Video Multiplexer
logo
Linear Technology
LT1227 LINER-LT1227_06 Datasheet
244Kb / 12P
140MHz Video Current Feedback Amplifier
logo
Analog Devices
AD9300 AD-AD9300_15 Datasheet
609Kb / 8P
Video Multiplexer
REV. A
logo
Linear Technology
LT1227 LINER-LT1227_15 Datasheet
254Kb / 12P
140MHz Video Current Feedback Amplifier
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com