Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA5002 Datasheet (PDF) - Intersil Corporation

HA5002 Datasheet PDF - Intersil Corporation
Part # HA5002
Download  HA5002 Download
File Size   820.55 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 110MHz, High Slew Rate, High Output Current Buffer

HA5002 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA5002 Datasheet PDF - Intersil Corporation

Part # HA5002
Download  HA5002 Click to download

File Size   820.55 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 110MHz, High Slew Rate, High Output Current Buffer

HA5002 Datasheet (HTML) - Intersil Corporation


HA5002 Product details

The HA-5002 is a monolithic, wideband, high slew rate, high output current, buffer amplifier.
Utilizing the advantages of the Intersil D.I. technologies, the HA-5002 current buffer offers 1300V/µs slew rate with 110MHz of bandwidth. The ±200mA output current capability is enhanced by a 3Ω output impedance.

Features
• Voltage Gain. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.995
• High Input Impedance . . . . . . . . . . . . . . . . . . . . . .3000kΩ
• Low Output Impedance . . . . . . . . . . . . . . . . . . . . . . . . 3Ω
• Very High Slew Rate . . . . . . . . . . . . . . . . . . . . . 1300V/µs
• Very Wide Bandwidth . . . . . . . . . . . . . . . . . . . . . . 110MHz
• High Output Current. . . . . . . . . . . . . . . . . . . . . . . . . . ±200mA
• Pulsed Output Current . . . . . . . . . . . . . . . . . . . . . . 400mA
• Monolithic Construction
• Pb-Free Plus Anneal Available (RoHS Compliant)

Applications
• Line Driver
• Data Acquistion
• 110MHz Buffer
• Radara Cable Driver
• High Power Current Booster
• High Power Current Source
• Sample and Holds
• Video Products




Similar Part No. - HA5002

ManufacturerPart #DatasheetDescription
logo
HBH Microwave GmbH
HA5002 HBH-HA5002 Datasheet
17Kb / 1P
X-Band Amplifier
More results


Similar Description - HA5002

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2542 INTERSIL-HA-2542 Datasheet
824Kb / 13P
70MHz, High Slew Rate, High Output Current Operational Amplifier
October 1999
HA-2529883 INTERSIL-HA-2529883 Datasheet
88Kb / 9P
Uncompensated, High Slew Rate High Output Current, Operational Amplifier
July 1997
HA-5002883 INTERSIL-HA-5002883 Datasheet
46Kb / 6P
Monolithic, Wideband, High Slew Rate, High Output Current Buffer
October 26, 2004
HA-2842 INTERSIL-HA-2842_04 Datasheet
508Kb / 10P
80MHz, High Slew Rate, High Output Current, Video Operational Amplifier
October 2004
HA-2542 INTERSIL-HA-2542_02 Datasheet
903Kb / 12P
70MHz, High Slew Rate, High Output Current Operational Amplifier
August 2002
HA-5002 INTERSIL-HA-5002_06 Datasheet
857Kb / 14P
110MHz, High Slew Rate, High Output Current Buffer
March 8, 2006
HA-5002883 INTERSIL-HA-5002883_06 Datasheet
215Kb / 7P
Monolithic, Wideband, High Slew Rate, High Output Current Buffer
January 5, 2006
HA2-5002-2 INTERSIL-HA2-5002-2 Datasheet
830Kb / 12P
110MHz, High Slew Rate, High Output Current Buffer
October 18, 2013
logo
Renesas Technology Corp
HA-5002 RENESAS-HA-5002 Datasheet
1Mb / 12P
110MHz, High Slew Rate, High Output Current Buffer
HA-2542 RENESAS-HA-2542 Datasheet
1Mb / 12P
70MHz, High Slew Rate, High Output Current Operational Amplifier
August 2002
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com