Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC5503TCP Datasheet (PDF) - Intersil Corporation

HC5503TCP Datasheet PDF - Intersil Corporation
Part # HC5503TCP
Download  HC5503TCP Download
File Size   37.98 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Balanced PBX/Key System SLIC, Subscriber Line Interface Circuit

HC5503TCP Datasheet (PDF)

Go To PDF Page Download Datasheet
HC5503TCP Datasheet PDF - Intersil Corporation

Part # HC5503TCP
Download  HC5503TCP Click to download

File Size   37.98 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Balanced PBX/Key System SLIC, Subscriber Line Interface Circuit

HC5503TCP Datasheet (HTML) - Intersil Corporation


HC5503TCP Product details

The Intersil HC5503T is a low cost Subscriber Line Interface Circuit (SLIC) that replaces the components of a discrete Transformer Analog circuit design. The monolithic integrated design provides improved performance and system reliability.

Features
• Monolithic Integrated Device
• Controlled Supply of Battery Feed Current for Short Loops (30mA)
• Single +5V Supply
• Allows Interfacing With All Ringing Systems
• Switch Hook Detection
• Compatible With Worldwide PBX Performance Requirements
• Low Power Consumption During Standby
• Pb-free Available

Applications
• PBX Switches (Analog, Digital or ISDN)
• Key Telephone Systems (KTS)
• ISDN PC Plug in Modems
• ISDN Small Office/Home Office (SOHO) Terminal Adapters (TA)
• CTI (Computer Telephony Integration) Products




Similar Part No. - HC5503TCP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC5503TCB INTERSIL-HC5503TCB Datasheet
326Kb / 6P
Balanced PBX / Key System SLIC, Subscriber Line Interface Circuit
June 2004
logo
Renesas Technology Corp
HC5503TCB RENESAS-HC5503TCB Datasheet
412Kb / 6P
Balanced PBX/Key System SLIC, Subscriber Line Interface Circuit
June 2004
logo
Intersil Corporation
HC5503TCBZ INTERSIL-HC5503TCBZ Datasheet
326Kb / 6P
Balanced PBX / Key System SLIC, Subscriber Line Interface Circuit
June 2004
logo
Renesas Technology Corp
HC5503TCBZ RENESAS-HC5503TCBZ Datasheet
412Kb / 6P
Balanced PBX/Key System SLIC, Subscriber Line Interface Circuit
June 2004
logo
Intersil Corporation
HC5503TCBZ96 INTERSIL-HC5503TCBZ96 Datasheet
326Kb / 6P
Balanced PBX / Key System SLIC, Subscriber Line Interface Circuit
June 2004
More results


Similar Description - HC5503TCP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC-5509B INTERSIL-HC-5509B Datasheet
105Kb / 10P
SLIC Subscriber Line Interface Circuit
March 1996
HC5503C INTERSIL-HC5503C Datasheet
60Kb / 5P
Unbalanced PBX/Key System SLIC, Subscriber Line Interface Circuit
June 1998
HC5521 INTERSIL-HC5521 Datasheet
15Kb / 1P
SLIC Subscriber Line Interface Circuit
January 1997
logo
Harris Corporation
HC5519 HARRIS-HC5519 Datasheet
23Kb / 1P
SLIC Subscriber Line Interface Circuit
logo
Intersil Corporation
HC-5504DLC INTERSIL-HC-5504DLC Datasheet
265Kb / 9P
SLIC Subscriber Line Interface Circuit
May 1997
HC-5509A1 INTERSIL-HC-5509A1 Datasheet
257Kb / 10P
SLIC Subscriber Line Interface Circuit
May 1997
logo
Zarlink Semiconductor I...
MH88612B ZARLINK-MH88612B Datasheet
163Kb / 10P
Subscriber Line Interface Circuit (SLIC)
logo
Intersil Corporation
HC-5509B3999-003 INTERSIL-HC-5509B3999-003 Datasheet
257Kb / 10P
SLIC Subscriber Line Interface Circuit
July 2003
HC5503T INTERSIL-HC5503T_04 Datasheet
326Kb / 6P
Balanced PBX / Key System SLIC, Subscriber Line Interface Circuit
June 2004
logo
Renesas Technology Corp
HC5503T RENESAS-HC5503T Datasheet
412Kb / 6P
Balanced PBX/Key System SLIC, Subscriber Line Interface Circuit
June 2004
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com