Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS14K Datasheet (PDF) - Intersil Corporation

HCS14K Datasheet PDF - Intersil Corporation
Part # HCS14K
Download  HCS14K Download
File Size   158.84 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened HEX Inverting Schmitt Trigger

HCS14K Datasheet (PDF)

Go To PDF Page Download Datasheet
HCS14K Datasheet PDF - Intersil Corporation

Part # HCS14K
Download  HCS14K Click to download

File Size   158.84 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened HEX Inverting Schmitt Trigger

HCS14K Datasheet (HTML) - Intersil Corporation


HCS14K Product details

Description
The Intersil HCS14MS is a Radiation Hardened HEX Inverting Schmitt trigger. A high on any input forces the output to a Low state.
The HCS14MS utilizes advanced CMOS/SOS technology to achieve high-speed operation. This device is a member of radiation hardened, high-speed, CMOS/SOS Logic Family.
The HCS14MS is supplied in a 14 lead Ceramic flatpack Package (K suffix) or a 14 lead SBDIP Package (D suffix).

Features
• 3 Micron Radiation Hardened SOS CMOS
• Total Dose 200K RAD(Si)
• SEP Effective LET No Upsets: >100 MEV-cm2/mg
• Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/Bit-Day (Typ)
• Dose Rate Survivability: >1 x 1012 Rads (Si)/s
• Dose Rate Upset >1010 RAD (Si)/s 20ns Pulse
• Latch-Up Free Under Any Conditions
• Military Temperature Range: -55°C to +125°C
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• Input Logic Levels
    - VIL = 30% of VCC Max
    - VIH = 70% of VCC Min
• Input Current Levels Ii ≤ 5µA at VOL, VOH




Similar Part No. - HCS14K

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HCS14K RENESAS-HCS14K Datasheet
469Kb / 8P
Radiation Hardened HEX Inverting Schmitt Trigger
August 1995
HCS14KMSR RENESAS-HCS14KMSR Datasheet
469Kb / 8P
Radiation Hardened HEX Inverting Schmitt Trigger
August 1995
More results


Similar Description - HCS14K

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC14 FAIRCHILD-MM74HC14 Datasheet
91Kb / 8P
Hex Inverting Schmitt Trigger
logo
Intersil Corporation
ACS14MS INTERSIL-ACS14MS Datasheet
50Kb / 2P
Radiation Hardened Hex Inverting Schmitt Trigger
November 1998
HCTS14MS INTERSIL-HCTS14MS Datasheet
131Kb / 8P
Radiation Hardened HEX Inverting Schmitt Trigger
August 1995
logo
NXP Semiconductors
74ALVC14 PHILIPS-74ALVC14 Datasheet
92Kb / 16P
Hex inverting Schmitt trigger
Rev. 03-15 February 2005
logo
Intersil Corporation
HCTS14MS INTERSIL-HCTS14MS_07 Datasheet
231Kb / 8P
Radiation Hardened HEX Inverting Schmitt Trigger
March 2007
logo
NXP Semiconductors
74AHC_AHCT14 PHILIPS-74AHC_AHCT14_15 Datasheet
123Kb / 16P
Hex inverting Schmitt trigger
Rev. 05-4 May 2009
logo
Renesas Technology Corp
ACS14MS RENESAS-ACS14MS Datasheet
227Kb / 2P
Radiation Hardened Hex Inverting Schmitt Trigger
November 1998
HCS14MS RENESAS-HCS14MS Datasheet
469Kb / 8P
Radiation Hardened HEX Inverting Schmitt Trigger
August 1995
HCTS14MS RENESAS-HCTS14MS Datasheet
364Kb / 8P
Radiation Hardened HEX Inverting Schmitt Trigger
March 2007
logo
Nexperia B.V. All right...
74HC14-Q100 NEXPERIA-74HC14-Q100 Datasheet
271Kb / 17P
Hex inverting Schmitt trigger
Rev. 7 - 13 August 2021
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com