Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS14K Datasheet(PDF) 1 Page - Intersil Corporation

Part # HCS14K
Description  Radiation Hardened HEX Inverting Schmitt Trigger
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCS14K Datasheet(HTML) 1 Page - Intersil Corporation

  HCS14K Datasheet HTML 1Page - Intersil Corporation HCS14K Datasheet HTML 2Page - Intersil Corporation HCS14K Datasheet HTML 3Page - Intersil Corporation HCS14K Datasheet HTML 4Page - Intersil Corporation HCS14K Datasheet HTML 5Page - Intersil Corporation HCS14K Datasheet HTML 6Page - Intersil Corporation HCS14K Datasheet HTML 7Page - Intersil Corporation HCS14K Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999
HCS14MS
Radiation Hardened
HEX Inverting Schmitt Trigger
Pinouts
14 LEAD CERAMIC DUAL-IN-LINE
METAL SEAL PACKAGE (SBDIP)
MIL-STD-1835 CDIP2-T14
TOP VIEW
14 LEAD CERAMIC METAL SEAL
FLATPACK PACKAGE (FLATPACK)
MIL-STD-1835 CDFP3-F14
TOP VIEW
Functional Diagram
TRUTH TABLE
INPUTS
An
OUTPUTS
Yn
LH
HL
NOTE: L = Logic Level Low,
H = Logic level High
A1
Y1
A2
Y2
A3
Y3
GND
VCC
A6
Y6
A5
Y5
A4
Y4
1
2
3
4
5
6
7
14
13
12
11
10
9
8
14
13
12
11
10
9
8
2
3
4
5
6
7
1
A1
Y1
A2
Y2
A3
Y3
GND
VCC
A6
Y6
A5
Y5
A4
Y4
Yn
An
Features
• 3 Micron Radiation Hardened SOS CMOS
• Total Dose 200K RAD(Si)
• SEP Effective LET No Upsets: >100 MEV-cm2/mg
• Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/Bit-Day
(Typ)
• Dose Rate Survivability: >1 x 1012 Rads (Si)/s
• Dose Rate Upset >1010 RAD (Si)/s 20ns Pulse
• Latch-Up Free Under Any Conditions
• Military Temperature Range: -55oC to +125oC
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• Input Logic Levels
- VIL = 30% of VCC Max
- VIH = 70% of VCC Min
• Input Current Levels Ii
≤ 5µA at VOL, VOH
Description
The Intersil HCS14MS is a Radiation Hardened HEX Inverting
Schmitt trigger. A high on any input forces the output to a Low
state.
The HCS14MS utilizes advanced CMOS/SOS technology to
achieve high-speed operation. This device is a member of
radiation hardened, high-speed, CMOS/SOS Logic Family.
The HCS14MS is supplied in a 14 lead Ceramic flatpack Package
(K suffix) or a 14 lead SBDIP Package (D suffix).
Ordering Information
PART
NUMBER
TEMPERATURE
RANGE
SCREENING
LEVEL
PACKAGE
HCS14DMSR
-55oC to +125oC
Intersil Class
S Equivalent
14 Lead SBDIP
HCS14KMSR
-55oC to +125oC
Intersil Class
S Equivalent
14 Lead Ceramic
Flatpack
HCS14D/
Sample
+25oC
Sample
14 Lead SBDIP
HCS14K/
Sample
+25oC
Sample
14 Lead Ceramic
Flatpack
HCS14HMSR
+25oC
Die
Die
Spec Number
518752
File Number
3049.1
August 1995


Similar Part No. - HCS14K

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HCS14K RENESAS-HCS14K Datasheet
469Kb / 8P
Radiation Hardened HEX Inverting Schmitt Trigger
August 1995
HCS14KMSR RENESAS-HCS14KMSR Datasheet
469Kb / 8P
Radiation Hardened HEX Inverting Schmitt Trigger
August 1995
More results

Similar Description - HCS14K

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC14 FAIRCHILD-MM74HC14 Datasheet
91Kb / 8P
Hex Inverting Schmitt Trigger
logo
Intersil Corporation
ACS14MS INTERSIL-ACS14MS Datasheet
50Kb / 2P
Radiation Hardened Hex Inverting Schmitt Trigger
November 1998
HCTS14MS INTERSIL-HCTS14MS Datasheet
131Kb / 8P
Radiation Hardened HEX Inverting Schmitt Trigger
August 1995
logo
NXP Semiconductors
74ALVC14 PHILIPS-74ALVC14 Datasheet
92Kb / 16P
Hex inverting Schmitt trigger
Rev. 03-15 February 2005
logo
Intersil Corporation
HCTS14MS INTERSIL-HCTS14MS_07 Datasheet
231Kb / 8P
Radiation Hardened HEX Inverting Schmitt Trigger
March 2007
logo
NXP Semiconductors
74AHC_AHCT14 PHILIPS-74AHC_AHCT14_15 Datasheet
123Kb / 16P
Hex inverting Schmitt trigger
Rev. 05-4 May 2009
logo
Renesas Technology Corp
ACS14MS RENESAS-ACS14MS Datasheet
227Kb / 2P
Radiation Hardened Hex Inverting Schmitt Trigger
November 1998
HCS14MS RENESAS-HCS14MS Datasheet
469Kb / 8P
Radiation Hardened HEX Inverting Schmitt Trigger
August 1995
HCTS14MS RENESAS-HCTS14MS Datasheet
364Kb / 8P
Radiation Hardened HEX Inverting Schmitt Trigger
March 2007
logo
Nexperia B.V. All right...
74HC14-Q100 NEXPERIA-74HC14-Q100 Datasheet
271Kb / 17P
Hex inverting Schmitt trigger
Rev. 7 - 13 August 2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com