Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS253D Datasheet (PDF) - Intersil Corporation

HCS253D Datasheet PDF - Intersil Corporation
Part # HCS253D
Download  HCS253D Download
File Size   178.27 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Dual 4-Input Multiplexer

HCS253D Datasheet (PDF)

Go To PDF Page Download Datasheet
HCS253D Datasheet PDF - Intersil Corporation

Part # HCS253D
Download  HCS253D Click to download

File Size   178.27 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Dual 4-Input Multiplexer

HCS253D Datasheet (HTML) - Intersil Corporation


HCS253D Product details

Description
The Intersil HCS253MS is a Radiation Hardened 4-to-1 line selector multiplexer having three-state outputs. One of four sources for each section is selected by the common select inputs S0 and S1. When the output enable (1OE or 2OE) is HIGH, the output is in the high impedance state.
The HCS253MS utilizes advanced CMOS/SOS technology to achieve high-speed operation. This device is a member of radiation hardened, high-speed, CMOS/SOS Logic Family.

Features
• 3 Micron Radiation Hardened SOS CMOS
• Total Dose 200K RAD (Si)
• SEP Effective LET No Upsets: >100 MEV-cm2/mg
• Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/Bit-Day (Typ)
• Dose Rate Survivability: >1 x 1012 RAD (Si)/s
• Latch-Up Free Under Any Conditions
• Fanout (Over Temperature Range)
    - Bus Driver Outputs - 15 LSTTL Loads
• Military Temperature Range: -55°CC to +125°C
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• Input Logic Levels
    - VIL = 0.3 VCC Max
    - VIH = 0.7 VCC Min
• Input Current Levels Ii ≤ 5µA at VOL, VOH




Similar Part No. - HCS253D

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
HCS2512 SEI-HCS2512 Datasheet
625Kb / 11P
High Current Metal Element Shunt Resistor
5/12/2022
HCS2512FT1L00 SEI-HCS2512FT1L00 Datasheet
625Kb / 11P
High Current Metal Element Shunt Resistor
5/12/2022
HCS2512FTL300 SEI-HCS2512FTL300 Datasheet
625Kb / 11P
High Current Metal Element Shunt Resistor
5/12/2022
HCS2512FTL500 SEI-HCS2512FTL500 Datasheet
625Kb / 11P
High Current Metal Element Shunt Resistor
5/12/2022
HCS2512FTL750 SEI-HCS2512FTL750 Datasheet
625Kb / 11P
High Current Metal Element Shunt Resistor
5/12/2022
More results


Similar Description - HCS253D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS151MS INTERSIL-ACS151MS Datasheet
48Kb / 2P
Radiation Hardened 8-Input Multiplexer
November 1997
ACS253MS INTERSIL-ACS253MS Datasheet
48Kb / 2P
Radiation Hardened Dual 4-Input Multiplexer with Three-State Outputs
November 1997
ACTS20MS INTERSIL-ACTS20MS Datasheet
10Kb / 1P
Radiation Hardened Dual 4-Input NAND Gate
April 1995
HCS151MS INTERSIL-HCS151MS Datasheet
175Kb / 9P
Radiation Hardened 8-Input Multiplexer
September 1995
HCS20MS INTERSIL-HCS20MS Datasheet
179Kb / 8P
Radiation Hardened Dual 4-Input NAND Gate
September 1995
HCTS153MS INTERSIL-HCTS153MS Datasheet
138Kb / 10P
Radiation Hardened Dual 4-Input Multiplexer
September 1995
HCTS21MS INTERSIL-HCTS21MS Datasheet
148Kb / 9P
Radiation Hardened Dual 4-Input AND Gate
October 1995
logo
Renesas Technology Corp
HCS151MS RENESAS-HCS151MS Datasheet
419Kb / 9P
Radiation Hardened 8-Input Multiplexer
September 1995
HCTS153MS RENESAS-HCTS153MS Datasheet
406Kb / 9P
Radiation Hardened Dual 4-Input Multiplexer
September 1995
HCTS20MS RENESAS-HCTS20MS Datasheet
378Kb / 8P
Radiation Hardened Dual 4-Input NAND Gate
September 1995
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com