Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS253D Datasheet(PDF) 1 Page - Intersil Corporation

Part # HCS253D
Description  Radiation Hardened Dual 4-Input Multiplexer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCS253D Datasheet(HTML) 1 Page - Intersil Corporation

  HCS253D Datasheet HTML 1Page - Intersil Corporation HCS253D Datasheet HTML 2Page - Intersil Corporation HCS253D Datasheet HTML 3Page - Intersil Corporation HCS253D Datasheet HTML 4Page - Intersil Corporation HCS253D Datasheet HTML 5Page - Intersil Corporation HCS253D Datasheet HTML 6Page - Intersil Corporation HCS253D Datasheet HTML 7Page - Intersil Corporation HCS253D Datasheet HTML 8Page - Intersil Corporation HCS253D Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999
HCS253MS
Radiation Hardened
Dual 4-Input Multiplexer
Pinouts
16 LEAD CERAMIC DUAL-IN-LINE
METAL SEAL PACKAGE (SBDIP)
MIL-STD-1835 CDIP2-T16, LEAD FINISH C
TOP VIEW
16 LEAD CERAMIC METAL SEAL
FLATPACK PACKAGE (FLATPACK)
MIL-STD-1835 CDFP4-F16, LEAD FINISH C
TOP VIEW
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
S1
I3 1
I2 1
I1 1
I0 1
GND
Y 1
S0
2 I3
2 I2
2 I1
2 I0
2 OE
OE 1
VCC
2 Y
2
3
4
5
6
7
8
116
15
14
13
12
11
10
9
S1
I3 1
I2 1
I1 1
I0 1
GND
Y 1
OE 1
S0
2 I3
2 I2
2 I1
2 I0
2 OE
VCC
2 Y
Features
• 3 Micron Radiation Hardened SOS CMOS
• Total Dose 200K RAD (Si)
• SEP Effective LET No Upsets: >100 MEV-cm2/mg
• Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/Bit-
Day (Typ)
• Dose Rate Survivability: >1 x 1012 RAD (Si)/s
• Latch-Up Free Under Any Conditions
• Fanout (Over Temperature Range)
- Bus Driver Outputs - 15 LSTTL Loads
• Military Temperature Range: -55oC to +125oC
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• Input Logic Levels
- VIL = 0.3 VCC Max
- VIH = 0.7 VCC Min
• Input Current Levels Ii
≤ 5µA at VOL, VOH
Description
The Intersil HCS253MS is a Radiation Hardened 4-to-1 line
selector multiplexer having three-state outputs. One of four
sources for each section is selected by the common select inputs
S0 and S1. When the output enable (1OE or 2OE) is HIGH, the
output is in the high impedance state.
The HCS253MS utilizes advanced CMOS/SOS technology to
achieve high-speed operation. This device is a member of
radiation hardened, high-speed, CMOS/SOS Logic Family.
The HCS253MS is supplied in a 16 lead Ceramic flatpack
(K suffix) or a SBDIP Package (D suffix).
September 1995
Spec Number
518765
File Number
3068.1
Ordering Information
PART NUMBER
TEMPERATURE RANGE
SCREENING LEVEL
PACKAGE
HCS253DMSR
-55oC to +125oC
Intersil Class S Equivalent
16 Lead SBDIP
HCS253KMSR
-55oC to +125oC
Intersil Class S Equivalent
16 Lead Ceramic Flatpack
HCS253D/Sample
+25oC
Sample
16 Lead SBDIP
HCS253K/Sample
+25oC
Sample
16 Lead Ceramic Flatpack
HCS253HMSR
+25oC
Die
Die


Similar Part No. - HCS253D

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
HCS2512 SEI-HCS2512 Datasheet
625Kb / 11P
High Current Metal Element Shunt Resistor
5/12/2022
HCS2512FT1L00 SEI-HCS2512FT1L00 Datasheet
625Kb / 11P
High Current Metal Element Shunt Resistor
5/12/2022
HCS2512FTL300 SEI-HCS2512FTL300 Datasheet
625Kb / 11P
High Current Metal Element Shunt Resistor
5/12/2022
HCS2512FTL500 SEI-HCS2512FTL500 Datasheet
625Kb / 11P
High Current Metal Element Shunt Resistor
5/12/2022
HCS2512FTL750 SEI-HCS2512FTL750 Datasheet
625Kb / 11P
High Current Metal Element Shunt Resistor
5/12/2022
More results

Similar Description - HCS253D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS151MS INTERSIL-ACS151MS Datasheet
48Kb / 2P
Radiation Hardened 8-Input Multiplexer
November 1997
ACS253MS INTERSIL-ACS253MS Datasheet
48Kb / 2P
Radiation Hardened Dual 4-Input Multiplexer with Three-State Outputs
November 1997
ACTS20MS INTERSIL-ACTS20MS Datasheet
10Kb / 1P
Radiation Hardened Dual 4-Input NAND Gate
April 1995
HCS151MS INTERSIL-HCS151MS Datasheet
175Kb / 9P
Radiation Hardened 8-Input Multiplexer
September 1995
HCS20MS INTERSIL-HCS20MS Datasheet
179Kb / 8P
Radiation Hardened Dual 4-Input NAND Gate
September 1995
HCTS153MS INTERSIL-HCTS153MS Datasheet
138Kb / 10P
Radiation Hardened Dual 4-Input Multiplexer
September 1995
HCTS21MS INTERSIL-HCTS21MS Datasheet
148Kb / 9P
Radiation Hardened Dual 4-Input AND Gate
October 1995
logo
Renesas Technology Corp
HCS151MS RENESAS-HCS151MS Datasheet
419Kb / 9P
Radiation Hardened 8-Input Multiplexer
September 1995
HCTS153MS RENESAS-HCTS153MS Datasheet
406Kb / 9P
Radiation Hardened Dual 4-Input Multiplexer
September 1995
HCTS20MS RENESAS-HCTS20MS Datasheet
378Kb / 8P
Radiation Hardened Dual 4-Input NAND Gate
September 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com