Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1679 Datasheet (PDF) - NEC

UPC1679 Datasheet PDF - NEC
Part # UPC1679
Download  UPC1679 Download
File Size   73.63 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 5 V-BIAS, 5.5 dBm OUTPUT, 1.8 GHz WIDEBAND Si MMIC AMPLIFIER

UPC1679 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC1679 Datasheet PDF - NEC

Part # UPC1679
Download  UPC1679 Click to download

File Size   73.63 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 5 V-BIAS, 5.5 dBm OUTPUT, 1.8 GHz WIDEBAND Si MMIC AMPLIFIER

UPC1679 Datasheet (HTML) - NEC


UPC1679 Product details

DESCRIPTION

The µPC1679G is a silicon monolithic integrated circuit designed as medium output power amplifier for high frequency system applications. Due to +13 dBm TYP. output at 1 GHz, this IC is recommendable for transmitter stage amplifier of L Band wireless communication systems. This IC is packaged in 8-pin plastic SOP. This IC is manufactured using NEC’s 20 GHz fT NESAT™ IV silicon bipolar process. This process uses silicon nitride passivation film and gold electrodes. These materials can protect chip surface from external pollution and prevent corrosion/migration. Thus, this IC has excellent performance, uniformity and reliability.



FEATURES

• Supply voltage : VCC= 4.5 to 5.5 V

• Saturated output power : PO(sat)= +15.5 dBm TYP. @ f = 500 MHz with external inductor

• Wideband response  : fu= 1.8 GHz TYP. @ 3 dB bandwidth

• Isolation : ISL = 34 dB TYP. @ f = 500 MHz

• Power Gain : GP= 21.5 dB TYP. @ f = 500 MHz




Similar Part No. - UPC1679

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1675G NEC-UPC1675G Datasheet
42Kb / 8P
GENERAL PURPOSE WIDE BNAD AMPLIFIER
logo
Renesas Technology Corp
UPC1675G RENESAS-UPC1675G Datasheet
203Kb / 10P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1989
logo
NEC
UPC1676B NEC-UPC1676B Datasheet
70Kb / 5P
1.2 GHz BANDWIDTH LOW NOISE SILICON MMIC AMPLIFIER
UPC1676G NEC-UPC1676G Datasheet
42Kb / 8P
GENERAL PURPOSE WIDE BNAD AMPLIFIER
UPC1676G NEC-UPC1676G Datasheet
70Kb / 5P
1.2 GHz BANDWIDTH LOW NOISE SILICON MMIC AMPLIFIER
More results


Similar Description - UPC1679

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1678G NEC-UPC1678G Datasheet
94Kb / 16P
5 V-BIAS, 7.5 dBm OUTPUT, 2.0 GHz WIDEBAND Si MMIC AMPLIFIER
UPC2745T NEC-UPC2745T Datasheet
115Kb / 5P
3 V, 2.7 GHz Si MMIC WIDEBAND AMPLIFIER
UPC2746T-E3 NEC-UPC2746T-E3 Datasheet
121Kb / 5P
3 V, 1500 MHz Si MMIC WIDEBAND AMPLIFIER
UPC2762T NEC-UPC2762T Datasheet
144Kb / 6P
3 V, WIDEBAND MEDIUM POWER SI MMIC AMPLIFIER
logo
California Eastern Labs
UPC2708TB CEL-UPC2708TB Datasheet
211Kb / 8P
5 V, SUPER MINIMOLD WIDEBAND SI RFIC AMPLIFIER
logo
Transcom, Inc.
TA008-055-20-24 TRANSCOM-TA008-055-20-24 Datasheet
30Kb / 1P
0.8 - 5.5 GHz 25 dBm Amplifier
logo
NEC
UPC3224TB NEC-UPC3224TB Datasheet
91Kb / 15P
5 V, SILICON MMIC WIDEBAND AMPLIFIER
UPC3227TB NEC-UPC3227TB Datasheet
115Kb / 14P
5 V, SILICON GERMANIUM MMIC WIDEBAND AMPLIFIER
logo
Hittite Microwave Corpo...
HMC587LC4B HITTITE-HMC587LC4B_10 Datasheet
156Kb / 4P
WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 5 - 10 GHz
logo
Renesas Technology Corp
PC3224TB RENESAS-PC3224TB_15 Datasheet
224Kb / 17P
5 V, SILICON MMIC WIDEBAND AMPLIFIER
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com