Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCTS138K Datasheet (PDF) - Intersil Corporation

HCTS138K Datasheet PDF - Intersil Corporation
Part # HCTS138K
Download  HCTS138K Download
File Size   154.4 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer

HCTS138K Datasheet (PDF)

Go To PDF Page Download Datasheet
HCTS138K Datasheet PDF - Intersil Corporation

Part # HCTS138K
Download  HCTS138K Click to download

File Size   154.4 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer

HCTS138K Datasheet (HTML) - Intersil Corporation


HCTS138K Product details

Description
The Intersil HCTS138MS is a Radiation Hardened 3-to-8 line Decoder/Demultiplexer. The outputs are active in the low state. Two active low and one active high enables (E1, E2, E3) are provided. If the device is enabled, the binary inputs (A0, A1, A2) determine which one of the eight normally high outputs will go to a low logic level.

Features
• 3 Micron Radiation Hardened SOS CMOS
• Total Dose 200K RAD (Si)
• SEP Effective LET No Upsets: >100 MEV-cm2/mg
• Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/Bit-Day (Typ)
• Dose Rate Survivability: >1 x 1012 RAD (Si)/s
• Dose Rate Upset >1010 RAD (Si)/s 20ns Pulse
• Latch-Up Free Under Any Conditions
• Fanout (Over Temperature Range)
    - Bus Driver Outputs - 15 LSTTL Loads
• Military Temperature Range: -55°C to +125°C
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• LSTTL Input Compatibility
    - VIL = 0.8V Max
    - VIH = VCC/2 Min
• Input Current Levels Ii ≤ 5µA at VOL, VOH




Similar Part No. - HCTS138K

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCTS138KMSR INTERSIL-HCTS138KMSR Datasheet
308Kb / 9P
Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
September 12, 2005
HCTS138KMSR INTERSIL-HCTS138KMSR Datasheet
308Kb / 9P
Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
September 12, 2005
logo
Renesas Technology Corp
HCTS138KMSR RENESAS-HCTS138KMSR Datasheet
442Kb / 9P
Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
September 12, 2005
More results


Similar Description - HCTS138K

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS138MS INTERSIL-ACS138MS Datasheet
48Kb / 2P
Radiation Hardened 3-to-8 Line Decoder/Demultiplexer
December 1997
HCS138MS INTERSIL-HCS138MS Datasheet
153Kb / 9P
Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
August 1995
HCS138T INTERSIL-HCS138T Datasheet
158Kb / 3P
Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
July 1999
HS-54C138RH INTERSIL-HS-54C138RH Datasheet
38Kb / 6P
Radiation Hardened 3-Line to 8-Line Decoder/Demultiplexer
1996 02
HTCS138MS INTERSIL-HTCS138MS Datasheet
308Kb / 9P
Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
September 12, 2005
HCTS138MS INTERSIL-HCTS138MS_05 Datasheet
308Kb / 9P
Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
September 12, 2005
HCS138MS INTERSIL-HCS138MS_05 Datasheet
306Kb / 9P
Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
September 12, 2005
HS-54C138RH INTERSIL-HS-54C138RH_00 Datasheet
537Kb / 4P
Radiation Hardened 3-Line to 8-Line Decoder/Demultiplexer
August 2000
logo
Renesas Technology Corp
ACS138MS RENESAS-ACS138MS Datasheet
186Kb / 2P
Radiation Hardened 3-to-8 Line Decoder/Demultiplexer
December 1997
HCTS138MS RENESAS-HCTS138MS Datasheet
442Kb / 9P
Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
September 12, 2005
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com