Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCTS157D Datasheet (PDF) - Intersil Corporation

HCTS157D Datasheet PDF - Intersil Corporation
Part # HCTS157D
Download  HCTS157D Download
File Size   132.24 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Quad 2-Input Multiplexers

HCTS157D Datasheet (PDF)

Go To PDF Page Download Datasheet
HCTS157D Datasheet PDF - Intersil Corporation

Part # HCTS157D
Download  HCTS157D Click to download

File Size   132.24 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Quad 2-Input Multiplexers

HCTS157D Datasheet (HTML) - Intersil Corporation


HCTS157D Product details

Description
The Intersil HCTS157MS is a Radiation Hardened quad 2-input multiplexers with select and enable inputs.
The HCTS157MS utilizes advanced CMOS/SOS technology to achieve high-speed operation. This device is a member of radiation hardened, high-speed, CMOS/SOS Logic Family.
The HCTS157MS is supplied in a 16 lead Ceramic flatpack (K suffix) or a SBDIP Package (D suffix).

Features
• 3 Micron Radiation Hardened CMOS SOS
• Total Dose 200K RAD (Si)
• SEP Effective LET No Upsets: >100 MEV-cm2/mg
• Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/Bit-Day (Typ)
• Dose Rate Survivability: >1 x 1012 RAD (Si)/s
• Dose Rate Upset >1010 RAD (Si)/s 20ns Pulse
• Latch-Up Free Under Any Conditions
• Fanout (Over Temperature Range)
    - Standard Outputs 10 LSTTL Loads
• Military Temperature Range: -55°C to +125°C
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• LSTTL Input Compatibility
    - VIL = 0.8V Max
    - VIH = VCC/2 Min
• Input Current Levels Ii ≤ 5µA at VOL, VOH




Similar Part No. - HCTS157D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HCTS157D RENESAS-HCTS157D Datasheet
390Kb / 9P
Radiation Hardened Quad 2-Input Multiplexers
August 1995
HCTS157DMSR RENESAS-HCTS157DMSR Datasheet
390Kb / 9P
Radiation Hardened Quad 2-Input Multiplexers
August 1995
More results


Similar Description - HCTS157D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS00MS INTERSIL-ACS00MS Datasheet
68Kb / 8P
Radiation Hardened Quad 2-Input NAND Gate
April 1995
ACS08MS INTERSIL-ACS08MS Datasheet
48Kb / 2P
Radiation Hardened Quad 2-Input AND Gate
July 1998
ACTS00MS INTERSIL-ACTS00MS Datasheet
85Kb / 8P
Radiation Hardened Quad 2-Input NAND Gate
April 1995
ACTS08MS INTERSIL-ACTS08MS Datasheet
77Kb / 8P
Radiation Hardened Quad 2-Input AND Gate
April 1995
HCS02MS INTERSIL-HCS02MS Datasheet
144Kb / 8P
Radiation Hardened Quad 2-Input NOR Gate
August 1995
HCS157MS INTERSIL-HCS157MS Datasheet
168Kb / 9P
Radiation Hardened Quad 2-Input Multiplexers
September 1995
logo
Texas Instruments
SN54AC00-SP TI1-SN54AC00-SP_16 Datasheet
103Kb / 8P
Radiation Hardened Quad 2 Input NAND Gate
logo
Renesas Technology Corp
HCS00MS RENESAS-HCS00MS Datasheet
363Kb / 8P
Radiation Hardened Quad 2-Input NAND Gate
August 1995
HCS157MS RENESAS-HCS157MS Datasheet
390Kb / 9P
Radiation Hardened Quad 2-Input Multiplexers
September 1995
HCTS157MS RENESAS-HCTS157MS Datasheet
390Kb / 9P
Radiation Hardened Quad 2-Input Multiplexers
August 1995
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com