Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCTS374D Datasheet (PDF) - Intersil Corporation

HCTS374D Datasheet PDF - Intersil Corporation
Part # HCTS374D
Download  HCTS374D Download
File Size   183.82 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered

HCTS374D Datasheet (PDF)

Go To PDF Page Download Datasheet
HCTS374D Datasheet PDF - Intersil Corporation

Part # HCTS374D
Download  HCTS374D Click to download

File Size   183.82 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered

HCTS374D Datasheet (HTML) - Intersil Corporation


HCTS374D Product details

Description
The Intersil HCTS374MS is a Radiation Hardened non-inverting octal D-type, positive edge triggered flip-flop with three-stateable outputs. The eight flip-flops enter data into their registers on the LOW-to-HIGH transition of the clock (CP). Data is also transferred to the outputs during this transition. The output enable (OE) controls the three-state outputs and is independent of the register operation. When the output enable is high, the outputs are in the high impedance state.

Features
• 3 Micron Radiation Hardened SOS CMOS
• Total Dose 200K RAD (Si)
• SEP Effective LET No Upsets: >100 MEV-cm2/mg
• Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/Bit-Day (Typ)
• Dose Rate Survivability: >1 x 1012 RAD (Si)/s
• Dose Rate Upset >1010 RAD (Si)/s 20ns Pulse
• Latch-Up Free Under Any Conditions
• Fanout (Over Temperature Range)
    - Bus Driver Outputs - 15 LSTTL Loads
• Military Temperature Range: -55°C to +125°C
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• LSTTL Input Compatibility
    - VIL = 0.8V Max
    - VIH = VCC/2 Min
• Input Current Levels Ii ≤ 5µA at VOL, VOH




Similar Part No. - HCTS374D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HCTS374D RENESAS-HCTS374D Datasheet
548Kb / 10P
Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
August 1995
HCTS374DMSR RENESAS-HCTS374DMSR Datasheet
548Kb / 10P
Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
August 1995
logo
Intersil Corporation
HCTS374DTR INTERSIL-HCTS374DTR Datasheet
96Kb / 3P
Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
July 1999
More results


Similar Description - HCTS374D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS374MS INTERSIL-ACS374MS Datasheet
71Kb / 8P
Radiation Hardened Octal D Flip-Flop, Three-State
April 1995
ACTS374MS INTERSIL-ACTS374MS Datasheet
90Kb / 10P
Radiation Hardened Octal D Flip-Flop, Three-State
April 1995
HCS374MS INTERSIL-HCS374MS Datasheet
175Kb / 10P
Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
September 1995
HCTS374T INTERSIL-HCTS374T Datasheet
96Kb / 3P
Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
July 1999
HCTS574MS INTERSIL-HCTS574MS Datasheet
135Kb / 11P
Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
August 1995
HCS374MS INTERSIL-HCS374MS_04 Datasheet
550Kb / 10P
Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
November 11, 2004
logo
Renesas Technology Corp
HCS374MS RENESAS-HCS374MS Datasheet
571Kb / 10P
Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
November 11, 2004
HCTS374MS RENESAS-HCTS374MS Datasheet
548Kb / 10P
Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
August 1995
HCTS574MS RENESAS-HCTS574MS Datasheet
430Kb / 10P
Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
August 1995
HCTS646MS RENESAS-HCTS646MS Datasheet
580Kb / 10P
Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
August 1995
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com