Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFA1205 Datasheet (PDF) - Intersil Corporation

HFA1205 Datasheet PDF - Intersil Corporation
Part # HFA1205
Download  HFA1205 Download
File Size   53.8 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual, 400MHz, Low Power, Video Operational Amplifier

HFA1205 Datasheet (PDF)

Go To PDF Page Download Datasheet
HFA1205 Datasheet PDF - Intersil Corporation

Part # HFA1205
Download  HFA1205 Click to download

File Size   53.8 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual, 400MHz, Low Power, Video Operational Amplifier

HFA1205 Datasheet (HTML) - Intersil Corporation


HFA1205 Product details

The HFA1205 is a dual, high speed, low power current feedback amplifier built with Intersil’s proprietary complementary bipolar UHF-1 process.

Features
• Low Supply Current . . . . . . . . . . . . . . . . . 5.8mA/Op Amp
• High Input Impedance . . . . . . . . . . . . . . . . . . . . . . . 2MΩ
• Wide -3dB Bandwidth (AV = +2) . . . . . . . . . . . . . 425MHz
• Very Fast Slew Rate . . . . . . . . . . . . . . . . . . . . . 1350V/µs
• Gain Flatness (to 50MHz). . . . . . . . . . . . . . . . . . . . . ±0.04dB
• Differential Gain . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.03%
• Differential Phase. . . . . . . . . . . . . . . . . . . . . 0.03 Degrees
• Pin Compatible Upgrade to HA5023

Applications
• Flash A/D Drivers
• High Resolution Monitors
• Video Switching and Routing
• Professional Video Processing
• Video Digitizing Boards/Systems
• Multimedia Systems
• RGB Preamps
• Medical Imaging
• Hand Held and Miniaturized RF Equipment
• Battery Powered Communications
• High Speed Oscilloscopes and Analyzers




Similar Part No. - HFA1205

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1205 INTERSIL-HFA1205 Datasheet
557Kb / 15P
Dual, 425MHz, Low Power, Video Operational Amplifier
July 2004
logo
Renesas Technology Corp
HFA1205 RENESAS-HFA1205 Datasheet
641Kb / 15P
Dual, 425MHz, Low Power, Video Operational Amplifier
July 2004
logo
Intersil Corporation
HFA1205IB INTERSIL-HFA1205IB Datasheet
557Kb / 15P
Dual, 425MHz, Low Power, Video Operational Amplifier
July 2004
logo
Renesas Technology Corp
HFA1205IB RENESAS-HFA1205IB Datasheet
641Kb / 15P
Dual, 425MHz, Low Power, Video Operational Amplifier
July 2004
logo
Intersil Corporation
HFA1205IP INTERSIL-HFA1205IP Datasheet
557Kb / 15P
Dual, 425MHz, Low Power, Video Operational Amplifier
July 2004
More results


Similar Description - HFA1205

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1305 INTERSIL-HFA1305 Datasheet
143Kb / 12P
Triple, 560MHz, Low Power, Video Operational Amplifier
April 1999
HA-2540 INTERSIL-HA-2540_03 Datasheet
548Kb / 8P
400MHz, Fast Settling Operational Amplifier
July 2003
HFA1205 INTERSIL-HFA1205_04 Datasheet
557Kb / 15P
Dual, 425MHz, Low Power, Video Operational Amplifier
July 2004
logo
Cirrus Logic
PA119CE CIRRUS-PA119CE Datasheet
206Kb / 5P
Video Power Operational Amplifier
PA119CE CIRRUS-PA119CE_10 Datasheet
654Kb / 5P
Video Power Operational Amplifier
logo
New Japan Radio
NJM41045 NJRC-NJM41045 Datasheet
235Kb / 8P
400MHz 3-channel Video Amplifier
logo
Renesas Technology Corp
HA-2540 RENESAS-HA-2540 Datasheet
652Kb / 8P
400MHz, Fast Settling Operational Amplifier
HFA1205 RENESAS-HFA1205 Datasheet
641Kb / 15P
Dual, 425MHz, Low Power, Video Operational Amplifier
July 2004
HFA1305 RENESAS-HFA1305 Datasheet
679Kb / 11P
Triple, 560MHz, Low Power, Video Operational Amplifier
June 2004
HFA1405 RENESAS-HFA1405 Datasheet
899Kb / 15P
Quad, 560MHz, Low Power, Video Operational Amplifier
March 1, 2005
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com