Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFA1205 Datasheet (PDF) - Renesas Technology Corp

HFA1205 Datasheet PDF - Renesas Technology Corp
Part # HFA1205
Download  HFA1205 Download
File Size   641.74 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual, 425MHz, Low Power, Video Operational Amplifier

HFA1205 Datasheet (PDF)

Go To PDF Page Download Datasheet
HFA1205 Datasheet PDF - Renesas Technology Corp

Part # HFA1205
Download  HFA1205 Click to download

File Size   641.74 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual, 425MHz, Low Power, Video Operational Amplifier

HFA1205 Datasheet (HTML) - Renesas Technology Corp


HFA1205 Product details

Features
• Low Supply Current . . . . . . . . . . . . . . . . . 5.8mA/Op Amp
• High Input Impedance . . . . . . . . . . . . . . . . . . . . . . . 2MΩ
• Wide -3dB Bandwidth (AV = +2) . . . . . . . . . . . . . 425MHz
• Very Fast Slew Rate . . . . . . . . . . . . . . . . . . . . . 1350V/μs
• Gain Flatness (to 50MHz). . . . . . . . . . . . . . . . . . . . . ±0.04dB
• Differential Gain . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.03%
• Differential Phase. . . . . . . . . . . . . . . . . . . . . 0.03 Degrees
• Pin Compatible Upgrade to HA5023
Applications
• Flash A/D Drivers
• High Resolution Monitors
• Video Switching and Routing
• Professional Video Processing
• Video Digitizing Boards/Systems
• Multimedia Systems
• RGB Preamps
• Medical Imaging
• Hand Held and Miniaturized RF Equipment
• Battery Powered Communications
• High Speed Oscilloscopes and Analyzers
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”




Similar Part No. - HFA1205

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1205 INTERSIL-HFA1205 Datasheet
53Kb / 7P
Dual, 400MHz, Low Power, Video Operational Amplifier
September 1998
HFA1205 INTERSIL-HFA1205 Datasheet
557Kb / 15P
Dual, 425MHz, Low Power, Video Operational Amplifier
July 2004
HFA1205IB INTERSIL-HFA1205IB Datasheet
53Kb / 7P
Dual, 400MHz, Low Power, Video Operational Amplifier
September 1998
HFA1205IB INTERSIL-HFA1205IB Datasheet
557Kb / 15P
Dual, 425MHz, Low Power, Video Operational Amplifier
July 2004
HFA1205IP INTERSIL-HFA1205IP Datasheet
53Kb / 7P
Dual, 400MHz, Low Power, Video Operational Amplifier
September 1998
More results


Similar Description - HFA1205

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1205 INTERSIL-HFA1205 Datasheet
53Kb / 7P
Dual, 400MHz, Low Power, Video Operational Amplifier
September 1998
HFA1305 INTERSIL-HFA1305 Datasheet
143Kb / 12P
Triple, 560MHz, Low Power, Video Operational Amplifier
April 1999
HFA1405 INTERSIL-HFA1405 Datasheet
138Kb / 13P
Quad, 560MHz, Low Power, Video Operational Amplifier
September 1998
HFA1405 INTERSIL-HFA1405_05 Datasheet
329Kb / 15P
Quad, 560MHz, Low Power, Video Operational Amplifier
March 1, 2005
HFA1205 INTERSIL-HFA1205_04 Datasheet
557Kb / 15P
Dual, 425MHz, Low Power, Video Operational Amplifier
July 2004
HFA1305 INTERSIL-HFA1305_04 Datasheet
657Kb / 11P
Triple, 560MHz, Low Power, Video Operational Amplifier
June 2004
logo
Cirrus Logic
PA119CE CIRRUS-PA119CE Datasheet
206Kb / 5P
Video Power Operational Amplifier
PA119CE CIRRUS-PA119CE_10 Datasheet
654Kb / 5P
Video Power Operational Amplifier
logo
Renesas Technology Corp
HFA1305 RENESAS-HFA1305 Datasheet
679Kb / 11P
Triple, 560MHz, Low Power, Video Operational Amplifier
June 2004
HFA1405 RENESAS-HFA1405 Datasheet
899Kb / 15P
Quad, 560MHz, Low Power, Video Operational Amplifier
March 1, 2005
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com