Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFA1245 Datasheet (PDF) - Intersil Corporation

HFA1245 Datasheet PDF - Intersil Corporation
Part # HFA1245
Download  HFA1245 Download
File Size   248.22 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual, 420MHz, Low Power, Video, Current Feedback Operational Amplifier with Disable

HFA1245 Datasheet (PDF)

Go To PDF Page Download Datasheet
HFA1245 Datasheet PDF - Intersil Corporation

Part # HFA1245
Download  HFA1245 Click to download

File Size   248.22 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual, 420MHz, Low Power, Video, Current Feedback Operational Amplifier with Disable

HFA1245 Datasheet (HTML) - Intersil Corporation


HFA1245 Product details

The HFA1245 is a dual, high speed, low power current feedback amplifier built with Intersil’s proprietary complementary bipolar UHF-1 process.

Features
• Low Supply Current . . . . . . . . . . . . . . . . . 5.8mA/Op Amp
• High Input Impedance . . . . . . . . . . . . . . . . . . . . . . . 2MΩ
• Low Crosstalk (5MHz) . . . . . . . . . . . . . . . . . . . . . . . -83dB
• High Off Isolation (5MHz). . . . . . . . . . . . . . . . . . . . . 65dB
• Wide -3dB Bandwidth (AV = +2) . . . . . . . . . . . . . 420MHz
• Very Fast Slew Rate . . . . . . . . . . . . . . . . . . . . . 1200V/μs
• Gain Flatness (to 50MHz) . . . . . . . . . . . . . . . . . . ±0.11dB
• Differential Gain . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.02%
• Differential Phase. . . . . . . . . . . . . . . . . . . . . 0.03 Degrees
• Individual Output Enable/Disable
• Output Enable/Disable Time . . . . . . . . . . . . . 150ns/30ns
• Pin Compatible Upgrade to HA5022

Applications
• Flash A/D Drivers
• High Resolution Monitors
• Video Multiplexers
• Video Switching and Routing
• Professional Video Processing
• Video Digitizing Boards/Systems
• Multimedia Systems
• RGB Preamps
• Medical Imaging
• Hand Held and Miniaturized RF Equipment
• Battery Powered Communications
• High Speed Oscilloscopes and Analyzers




Similar Part No. - HFA1245

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1245 INTERSIL-HFA1245 Datasheet
542Kb / 14P
Dual, 420MHz, Low Power, Video, Current Feedback Operational Amplifier with Disable
July 2004
logo
Renesas Technology Corp
HFA1245 RENESAS-HFA1245 Datasheet
549Kb / 14P
Dual, 420MHz, Low Power, Video, Current Feedback Operational Amplifier with Disable
July 2004
logo
Intersil Corporation
HFA1245IP INTERSIL-HFA1245IP Datasheet
542Kb / 14P
Dual, 420MHz, Low Power, Video, Current Feedback Operational Amplifier with Disable
July 2004
logo
Renesas Technology Corp
HFA1245IP RENESAS-HFA1245IP Datasheet
549Kb / 14P
Dual, 420MHz, Low Power, Video, Current Feedback Operational Amplifier with Disable
July 2004
logo
Intersil Corporation
HFA1245 INTERSIL-HFA1245_04 Datasheet
542Kb / 14P
Dual, 420MHz, Low Power, Video, Current Feedback Operational Amplifier with Disable
July 2004
More results


Similar Description - HFA1245

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA5022 INTERSIL-HA5022 Datasheet
169Kb / 16P
Dual, 125MHz, Video Current Feedback Amplifier with Disable
May 1999
HFA1145 INTERSIL-HFA1145 Datasheet
26Kb / 5P
High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable
June 1994
logo
Texas Instruments
OPA684 TI-OPA684 Datasheet
403Kb / 25P
Low-Power, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA3684 BURR-BROWN-OPA3684 Datasheet
469Kb / 26P
Low-Power, Triple Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Intersil Corporation
HA5022 INTERSIL-HA5022_03 Datasheet
429Kb / 17P
Dual, 125MHz, Video Current Feedback Amplifier with Disable
May 2003
HFA1245 INTERSIL-HFA1245_04 Datasheet
542Kb / 14P
Dual, 420MHz, Low Power, Video, Current Feedback Operational Amplifier with Disable
July 2004
HFA1145 INTERSIL-HFA1145_06 Datasheet
418Kb / 13P
330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable
June 1, 2006
logo
Renesas Technology Corp
HFA1145 RENESAS-HFA1145 Datasheet
711Kb / 13P
330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable
HA5022 RENESAS-HA5022 Datasheet
865Kb / 16P
Dual, 125MHz, Video Current Feedback Amplifier with Disable
May 2003
HFA1245 RENESAS-HFA1245 Datasheet
549Kb / 14P
Dual, 420MHz, Low Power, Video, Current Feedback Operational Amplifier with Disable
July 2004
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com