Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFA3524 Datasheet (PDF) - Intersil Corporation

HFA3524 Datasheet PDF - Intersil Corporation
Part # HFA3524
Download  HFA3524 Download
File Size   172.94 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 2.5GHz/600MHz Dual Frequency Synthesizer

HFA3524 Datasheet (PDF)

Go To PDF Page Download Datasheet
HFA3524 Datasheet PDF - Intersil Corporation

Part # HFA3524
Download  HFA3524 Click to download

File Size   172.94 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 2.5GHz/600MHz Dual Frequency Synthesizer

HFA3524 Datasheet (HTML) - Intersil Corporation


HFA3524 Product details

The Intersil 2.4GHz PRISM® chip set is a highly integrated six-chip solution for RF modems employing Direct Sequence Spread Spectrum (DSSS) signaling. The HFA3524 600MHz Dual Frequency Synthesizer is one of the six chips in the PRISM chip set (see the Typical Application Diagram).

Features
• 2.7V to 5.5V Operation
• Low Current Consumption
• Selectable Powerdown Mode ICC = 1µA Typical at 3V
• Dual Modulus Prescaler, 32/33 or 64/65
• Selectable Charge Pump High Z State Mode

Applications
• Systems Targeting IEEE 802.11 Standard
• PCMCIA Wireless Transceiver
• Wireless Local Area Network Modems
• TDMA Packet Protocol Radios
• Part 15 Compliant Radio Links
• Portable Battery Powered Equipment




Similar Part No. - HFA3524

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFA35HB120 IRF-HFA35HB120 Datasheet
127Kb / 5P
Ultrafast, Soft Recovery Diode
HFA35HB120 IRF-HFA35HB120 Datasheet
227Kb / 5P
Ultrafast, Soft Recovery Diode
HFA35HB120C IRF-HFA35HB120C Datasheet
152Kb / 5P
Ultrafast, Soft Recovery Diode
HFA35HB120C IRF-HFA35HB120C Datasheet
190Kb / 5P
Ultrafast, Soft Recovery Diode
HFA35HB120C IRF-HFA35HB120C_15 Datasheet
190Kb / 5P
Ultrafast, Soft Recovery Diode
More results


Similar Description - HFA3524

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA8026 PHILIPS-SA8026 Datasheet
289Kb / 18P
2.5GHz low voltage fractional-N dual frequency synthesizer
1999 Nov 04
logo
Rohm
BU2630F ROHM-BU2630F Datasheet
143Kb / 8P
Dual PLL frequency synthesizer
logo
Toshiba Semiconductor
TB31356AFL TOSHIBA-TB31356AFL Datasheet
297Kb / 10P
1.8GHz,600MHz DUAL-PLL FREQUENCY SYNTHESIZER
logo
Integrated Circuit Syst...
ICS8430-51 ICST-ICS8430-51 Datasheet
151Kb / 16P
600MHZ, LOW JITTER LVCMOS/ LVTTL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Zarlink Semiconductor I...
WL800 ZARLINK-WL800 Datasheet
573Kb / 12P
2.5GHz Frequency Synthesiser
logo
Asahi Kasei Microsystem...
AK1542A AKM-AK1542A Datasheet
998Kb / 37P
20 to 600MHz Integer-N Frequency Synthesizer
AK1541 AKM-AK1541 Datasheet
909Kb / 36P
20 to 600MHz Delta-Sigma Fractional -N Frequency Synthesizer
logo
Texas Instruments
LMX2430 TI1-LMX2430_16 Datasheet
3Mb / 53P
Dual High-Frequency Synthesizer
logo
Asahi Kasei Microsystem...
AK1542A AKM-AK1542A_17 Datasheet
1Mb / 38P
20 to 600MHz Integer-N Frequency Synthesizer
AK1541 AKM-AK1541_17 Datasheet
944Kb / 37P
20 to 600Mhz Delta-Sigma Fractional-N Frequency Synthesizer
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com